Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3017R Datasheet(PDF) 40 Page - Sony Corporation

Part # CXA3017R
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3017R Datasheet(HTML) 40 Page - Sony Corporation

Back Button CXA3017R Datasheet HTML 36Page - Sony Corporation CXA3017R Datasheet HTML 37Page - Sony Corporation CXA3017R Datasheet HTML 38Page - Sony Corporation CXA3017R Datasheet HTML 39Page - Sony Corporation CXA3017R Datasheet HTML 40Page - Sony Corporation CXA3017R Datasheet HTML 41Page - Sony Corporation CXA3017R Datasheet HTML 42Page - Sony Corporation CXA3017R Datasheet HTML 43Page - Sony Corporation CXA3017R Datasheet HTML 44Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
– 40 –
CXA3017R
D3 D2 D1 D0
Supported panels
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
LCX005BK/BKB single
LCX024AK/AKB single
LCX009AK/AKB single
LCX027AK/AKB single
LCX005BK/BKB + (DCX501BK)
LCX024AK/AKB + (DCX501BK) (default)
LCX009AK/AKB + (DCX501BK)
LCX027AK/AKB + (DCX501BK)
DCX501BK
single
DCX501BK
+ (LCX005BK/BKB)
DCX501BK
+ (LCX024AK/AKB)
DCX501BK
+ (LCX009AK/AKB)
DCX501BK
+ (LCX027AK/AKB)
Two-panel simultaneous drive mode
The supported panels are the main
panel and the sub panel (the panel
noted inside the parentheses).
The video is not displayed correctly on
the sub panel for combinations of the
LCX005BK (BKB)/024AK (AKB) and
the DCX501BK. Therefore, the sub
panel back light should be turned off.
Two-panel simultaneous display is
possible with combinations of the
LCX009AK (AKB)/027AK (AKB) and the
DCX501BK (only when RGT1 = RGT2).
However, when the right/left inversion
directions of the main and sub panels
differ (RGT1
≠ RGT2), the picture is not
displayed correctly due to the line offset.
Therefore, use Panel 2 mode in these
cases.
• TEST1
This is the test mode. Set to normal mode.
D4
0
Normal mode (default)
1
TEST mode
• Panel 2
Set this when the right/left inversion direction of the two panels differs (RGT1
≠ RGT2) during two-panel
simultaneous drive using the LCX009AK (AKB)/027AK (AKB)and the DCX501BK.
D5
0
OFF (default)
1
ON
Notes) 1. The VST connection changes in this mode, so an external inverter is required.
2. Set sample and hold to OFF (through) in this mode.
3. When the right/left inversion direction of the two panels differs (RGT1
≠ RGT2), the video display
start position of the sub panel is advanced by 1H.
4. RGT1 and RGT2 can also be set the same in this mode.
• Sample-and-hold phase
This switches the sample-and-hold timing.
D7
D6
0
0
SHS1 (default)
0
1
SHS2
1
0
SHS3
1
1
Through (sample-and-hold not performed)
• Supported panels
This switches the supported panels.


Similar Part No. - CXA3017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3010 SONY-CXA3010 Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
More results

Similar Description - CXA3017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com