Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CXA3017R Datasheet(PDF) 3 Page - Sony Corporation

Part No. CXA3017R
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

CXA3017R Datasheet(HTML) 3 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
– 3 –
CXA3017R
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
EXT R
EXT G
EXT B
TRAP
VDD1
LOAD
DATA
SCLK
RPD
TEST1
BLK
CLR
HST2
HST1
XHST1
VSS
HCK2
HCK1
XPCG
PCG
HD
XVST
VST
VCK4
VCK3
VCK2
VCK1
XEN1
EN1
EN2
VD
DA OUT
VDD2
DWN
Symbol
L
I
I
I
O
I
I
I
O
I
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
External digital R input
External digital G input
External digital B input
External trap connection
Digital 3V power supply for oscillation cell
Serial interface load input
Serial interface data input
Serial interface clock input
Phase comparator output
Test (Connect to GND.)
BLK pulse output
CLR pulse output
H start pulse 2 output
H start pulse 1 output
XH start pulse 1 output (reverse polarity of HST1)
Digital 3V GND
H clock pulse 2 output
H clock pulse 1 output
XPCG pulse output (reverse polarity of PCG)
PCG (precharge) pulse output
HD pulse output
XV start pulse output (reverse polarity of VST)
V start pulse output
V clock pulse 4 output
V clock pulse 3 output
V clock pulse 2 output
V clock pulse 1 output
XEN pulse 1 output (reverse polarity of EN1)
EN pulse 1 output
EN pulse 2 output
VD pulse output
DAC output
Digital 3V power supply
DCX501BK up/down inverted display switching
(open collector output)
I/O
Description
Input pin processing
for open status


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn