Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3017R Datasheet(PDF) 15 Page - Sony Corporation

Part # CXA3017R
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3017R Datasheet(HTML) 15 Page - Sony Corporation

Back Button CXA3017R Datasheet HTML 11Page - Sony Corporation CXA3017R Datasheet HTML 12Page - Sony Corporation CXA3017R Datasheet HTML 13Page - Sony Corporation CXA3017R Datasheet HTML 14Page - Sony Corporation CXA3017R Datasheet HTML 15Page - Sony Corporation CXA3017R Datasheet HTML 16Page - Sony Corporation CXA3017R Datasheet HTML 17Page - Sony Corporation CXA3017R Datasheet HTML 18Page - Sony Corporation CXA3017R Datasheet HTML 19Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
– 15 –
CXA3017R
Color difference
input balance
adjustment R
Color difference
input balance
adjustment B
GEXRMX
–5
–2
dB
GEXRMN
+2
+3
dB
GEXBMX
+2
+3
dB
GEXBMN
–5
–2
dB
Input SIG5 (VL = 150mV) to (A) and SIG1 (–6dB,
100kHz, no burst) to (D) and (E). Assume the output
amplitude at TP45 (100kHz) and TP40 (100kHz)
when serial bus register HUE = 128 as VR0 and VB0,
respectively, when HUE = 255 as VR1 and VB1,
respectively, and when HUE = 0 as VR2 and VB2,
respectively.
GEXRMX = 20 log (VR1/VR0)
GEXRMN = 20 log (VR2/VR0)
GEXBMX = 20 log (VB1/VB0)
GEXBMN = 20 log (VB2/VB0)
SW53 = SW54 = A
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
VEXGBN
0.23
0.26
0.29
0.46
0.51
0.56
VEXGRN
5.85
5.2
6.00
0
6.15
100
6.5
V
mV
V
G-Y matrix
characteristics
(NTSC)
Input SIG5 (VL = 150mV) to (A) and SIG1 (0dB,
100kHz, no burst) to (D). Assume the output
amplitude at TP40 (100kHz) as VEXB and the output
amplitude at TP43 (100kHz) as VEXBG.
VEXGBN = VEXBG/VEXB
SW53 = SW54 = A
Input SIG5 (VL = 150mV) to (A) and SIG1 (0dB,
100kHz, no burst) to (E). Assume the output
amplitude at TP45 (100kHz) as VEXR and the output
amplitude at TP43 (100kHz) as VEXRG.
VEXGRN = VEXRG/VEXR
SW53 = SW54 = A
VEXGBP
0.17
0.20
0.23
0.46
0.51
0.56
VEXGRP
G-Y matrix
characteristics
(PAL)
Input SIG5 (VL = 150mV) to (A) and SIG1 (0dB,
100kHz, no burst) to (D). Assume the output
amplitude at TP40 (100kHz) as VEXB and the output
amplitude at TP43 (100kHz) as VEXBG.
VEXGBP = VEXBG/VEXB
SW53 = SW54 = A
Input SIG5 (VL = 150mV) to (A) and SIG1 (0dB,
100kHz, no burst) to (E). Assume the output
amplitude at TP45 (100kHz) as VEXR and the output
amplitude at TP43 (100kHz) as VEXRG.
VEXGRP = VEXRG/VEXR
SW53 = SW54 = A
VOUT
∆VOUT
Input SIG5 (VL = 0mV) to (A). Adjust serial bus
registers BRIGHT and PSIG-BRT so that the output
(black-black) at TP43 and TP38 is 9Vp-p and measure
the DC voltage at TP40, TP43, TP45 and TP38.
Input SIG5 (VL = 0mV) to (A). Adjust serial bus
registers BRIGHT and PSIG-BRT so that the output
(black-black) at TP43 and TP38 is 9Vp-p, measure the
DC voltage at TP40, TP43, TP45 and TP38, and obtain
the maximum difference between each of these values.
RGB signal output block
RGB signal and
PSIG output DC
voltage
RGB signal and
PSIG output DC
voltage difference
VORNG
Set V48 to 5.2V or 6.5V in the VOUT measurement
conditions and confirm that
∆VOUT in the preceding
item is satisfied and that
|V48 – VOUT| ≤ 0.15V.
SW48 = ON
SIG center variable
range


Similar Part No. - CXA3017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3010 SONY-CXA3010 Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
More results

Similar Description - CXA3017R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com