Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU2G07BMX1TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLU2G07BMX1TCG
Description  Dual Non-Inverting Buffer, Open Drain
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU2G07BMX1TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NLU2G07BMX1TCG Datasheet HTML 1Page - ON Semiconductor NLU2G07BMX1TCG Datasheet HTML 2Page - ON Semiconductor NLU2G07BMX1TCG Datasheet HTML 3Page - ON Semiconductor NLU2G07BMX1TCG Datasheet HTML 4Page - ON Semiconductor NLU2G07BMX1TCG Datasheet HTML 5Page - ON Semiconductor NLU2G07BMX1TCG Datasheet HTML 6Page - ON Semiconductor NLU2G07BMX1TCG Datasheet HTML 7Page - ON Semiconductor NLU2G07BMX1TCG Datasheet HTML 8Page - ON Semiconductor NLU2G07BMX1TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NLU2G07
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
−0.5 to +7.0
V
IIK
DC Input Diode Current
VIN < GND
−20
mA
IOK
DC Output Diode Current
VOUT < GND
±20
mA
IO
DC Output Source/Sink Current
±12.5
mA
ICC
DC Supply Current Per Supply Pin
±25
mA
IGND
DC Ground Current per Ground Pin
±25
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
150
°C
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating Oxygen
Index: 28 to 34
UL 94 V−0 @ 0.125 in
ILATCHUP
Latchup Performance Above VCC and Below GND at 125 °C (Note 2)
±500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA / JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VIN
Digital Input Voltage
0
5.5
V
VOUT
Output Voltage
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
100
20
ns/V


Similar Part No. - NLU2G07BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G07BMX1TCG ONSEMI-NLU2G07BMX1TCG Datasheet
100Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 2
More results

Similar Description - NLU2G07BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G07 ONSEMI-NLX2G07 Datasheet
95Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 0
NLU2G07 ONSEMI-NLU2G07_16 Datasheet
72Kb / 7P
   Dual Non-Inverting Buffer, Open Drain
July, 2016 ??Rev. 5
NLX2G07 ONSEMI-NLX2G07_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Buffer Open Drain
June, 2016 ??Rev. 5
NLU2G07 ONSEMI-NLU2G07 Datasheet
100Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com