Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU2G07MUTCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLU2G07MUTCG
Description  Dual Non-Inverting Buffer, Open Drain
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU2G07MUTCG Datasheet(HTML) 3 Page - ON Semiconductor

  NLU2G07MUTCG Datasheet HTML 1Page - ON Semiconductor NLU2G07MUTCG Datasheet HTML 2Page - ON Semiconductor NLU2G07MUTCG Datasheet HTML 3Page - ON Semiconductor NLU2G07MUTCG Datasheet HTML 4Page - ON Semiconductor NLU2G07MUTCG Datasheet HTML 5Page - ON Semiconductor NLU2G07MUTCG Datasheet HTML 6Page - ON Semiconductor NLU2G07MUTCG Datasheet HTML 7Page - ON Semiconductor NLU2G07MUTCG Datasheet HTML 8Page - ON Semiconductor NLU2G07MUTCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NLU2G07
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 25 5C
TA = +855C
TA = −555C to
+1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Low−Level
Input Voltage
1.65
0.75 x
VCC
0.75 x
VCC
V
2.3 to
5.5
0.70 x
VCC
0.70 x
VCC
VIL
Low−Level
Input Voltage
1.65
0.25 x
VCC
0.25 x
VCC
0.25 x
VCC
V
2.3 to
5.5
0.30 x
VCC
0.30 x
VCC
0.30 x
VCC
VOL
Low−Level
Output Voltage
VIN = VIH or VIL
IOL = 50 mA
2.0
3.0
4.5
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
ILKG
Z−State
Output
Leakage
Current
VIN = VIH,
VOUT = VCC or
GND
5.5
±0.25
±2.5
±5.0
mA
IIN
Input Leakage
Current
0 v VIN v 5.5 V
0 to
5.5
±0.1
±1.0
±1.0
mA
IOFF
Power Off
Input Leakage
Current
0 v VIN,
VOUT v 5.5 V
0
0.25
2.5
5.0
mA
ICC
Quiescent
Supply Current
0 v VIN v VCC
5.5
1.0
10
40
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 nS)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = +855C
TA = −555C
to +1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPZL
Propagation Delay,
Input A to Output Y
3.0 to 3.6
RL = R1 = 50 W
CL = 15 pF
5.0
7.1
8.5
10
ns
RL = R1 = 50 W
CL = 50 pF
7.5
10.6
12
14.5
4.5 to 5.5
RL = R1 = 50 W
CL = 15 pF
3.8
5.5
6.5
8.0
RL = R1 = 50 W
CL = 50 pF
5.3
7.5
8.5
10
tPLZ
Output Disable Time
3.0 to 3.6
RL = R1 = 50 W
CL = 50 pF
7.5
10.6
12
14.5
ns
4.5 to 55
RL = R1 = 50 W
CL = 50 pF
5.3
7.5
8.5
10
CIN
Input Capacitance
4.0
10
10
10
pF
CPD
Power Dissipation
Capacitance (Note 3)
5.0
18
pF
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.


Similar Part No. - NLU2G07MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G07MUTCG ONSEMI-NLU2G07MUTCG Datasheet
100Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 2
NLU2G07MUTCG ONSEMI-NLU2G07MUTCG Datasheet
72Kb / 7P
   Dual Non-Inverting Buffer, Open Drain
July, 2016 ??Rev. 5
More results

Similar Description - NLU2G07MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G07 ONSEMI-NLX2G07 Datasheet
95Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 0
NLU2G07 ONSEMI-NLU2G07_16 Datasheet
72Kb / 7P
   Dual Non-Inverting Buffer, Open Drain
July, 2016 ??Rev. 5
NLX2G07 ONSEMI-NLX2G07_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Buffer Open Drain
June, 2016 ??Rev. 5
NLU2G07 ONSEMI-NLU2G07 Datasheet
100Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com