Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1GT126AMX1TCG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NLU1GT126AMX1TCG
Description  Non-Inverting 3-State Buffer, TTL Level
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT126AMX1TCG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NLU1GT126AMX1TCG Datasheet HTML 2Page - ON Semiconductor NLU1GT126AMX1TCG Datasheet HTML 3Page - ON Semiconductor NLU1GT126AMX1TCG Datasheet HTML 4Page - ON Semiconductor NLU1GT126AMX1TCG Datasheet HTML 5Page - ON Semiconductor NLU1GT126AMX1TCG Datasheet HTML 6Page - ON Semiconductor NLU1GT126AMX1TCG Datasheet HTML 7Page - ON Semiconductor NLU1GT126AMX1TCG Datasheet HTML 8Page - ON Semiconductor NLU1GT126AMX1TCG Datasheet HTML 9Page - ON Semiconductor NLU1GT126AMX1TCG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NLU1GT126
http://onsemi.com
10
PACKAGE DIMENSIONS
ULLGA6 1.45x1.0, 0.5P
CASE 613AF
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
4. A MAXIMUM OF 0.05 PULL BACK OF THE
PLATED TERMINAL FROM THE EDGE OF THE
PACKAGE IS ALLOWED.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
6X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L1
1
3
4
6
DIM MIN
MAX
MILLIMETERS
A
−−−
0.40
A1
0.00
0.05
b
0.15
0.25
D
1.45 BSC
E
1.00 BSC
e
0.50 BSC
L
0.25
0.35
L1
0.30
0.40
NOTE 4
SOLDERMASK DEFINED*
DIMENSIONS: MILLIMETERS
0.30
5X
0.49
6X
1.24
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.50
1
MOUNTING FOOTPRINT
PKG
OUTLINE
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NLU1GT126/D
MiniGate is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NLU1GT126AMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT126AMX1TCG ONSEMI-NLU1GT126AMX1TCG Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
More results

Similar Description - NLU1GT126AMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT126 ONSEMI-NLU1GT126_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 5
NLU1GT125 ONSEMI-NLU1GT125_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 6
NLU1GT125 ONSEMI-NLU1GT125_V01 Datasheet
197Kb / 6P
   Non-Inverting 3-State Buffer, TTL Level
January, 2019 - Rev. 7
NLU1GT126 ONSEMI-NLU1GT126 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT125 ONSEMI-NLU1GT125 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
logo
Toshiba Semiconductor
TC74HCT540AP TOSHIBA-TC74HCT540AP Datasheet
236Kb / 6P
   OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50_16 Datasheet
157Kb / 9P
   Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
NLU1GT50 ONSEMI-NLU1GT50 Datasheet
99Kb / 8P
   Single Buffer, Non-Inverting, TTL Level
March, 2008 - Rev. 2
NLU1GT50 ONSEMI-NLU1GT50_12 Datasheet
137Kb / 10P
   Single Buffer, Non-Inverting, TTL Level
July, 2012 ??Rev. 3
NL17SZ126 ONSEMI-NL17SZ126_16 Datasheet
89Kb / 9P
   Non-Inverting 3-State Buffer
September, 2016 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com