Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1GT50AMX1TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLU1GT50AMX1TCG
Description  Single Buffer, Non-Inverting, TTL Level
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT50AMX1TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NLU1GT50AMX1TCG Datasheet HTML 1Page - ON Semiconductor NLU1GT50AMX1TCG Datasheet HTML 2Page - ON Semiconductor NLU1GT50AMX1TCG Datasheet HTML 3Page - ON Semiconductor NLU1GT50AMX1TCG Datasheet HTML 4Page - ON Semiconductor NLU1GT50AMX1TCG Datasheet HTML 5Page - ON Semiconductor NLU1GT50AMX1TCG Datasheet HTML 6Page - ON Semiconductor NLU1GT50AMX1TCG Datasheet HTML 7Page - ON Semiconductor NLU1GT50AMX1TCG Datasheet HTML 8Page - ON Semiconductor NLU1GT50AMX1TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NLU1GT50
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
−0.5 to +7.0
V
IIK
DC Input Diode Current
VIN < GND
−20
mA
IOK
DC Output Diode Current
VOUT < GND
±20
mA
IO
DC Output Source/Sink Current
±12.5
mA
ICC
DC Supply Current Per Supply Pin
±25
mA
IGND
DC Ground Current per Ground Pin
±25
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
150
°C
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating Oxygen
Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
> 2000
> 200
N/A
V
ILATCHUP1
Latchup Performance Above VCC and Below GND at 125 °C (Note 5)
±500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA / JESD22−A114−A.
3. Tested to EIA / JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA / JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VIN
Digital Input Voltage
0
5.5
V
VOUT
Output Voltage
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
100
20
ns/V


Similar Part No. - NLU1GT50AMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT50AMX1TCG ONSEMI-NLU1GT50AMX1TCG Datasheet
99Kb / 8P
   Single Buffer, Non-Inverting, TTL Level
March, 2008 - Rev. 2
NLU1GT50AMX1TCG ONSEMI-NLU1GT50AMX1TCG Datasheet
157Kb / 9P
   Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
More results

Similar Description - NLU1GT50AMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50_16 Datasheet
157Kb / 9P
   Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
NLU1GT50 ONSEMI-NLU1GT50 Datasheet
99Kb / 8P
   Single Buffer, Non-Inverting, TTL Level
March, 2008 - Rev. 2
NLU1GT126 ONSEMI-NLU1GT126_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 5
NLU1GT126 ONSEMI-NLU1GT126_12 Datasheet
141Kb / 10P
   Non-Inverting 3-State Buffer, TTL Level
July, 2012 ??Rev. 3
NLU1GT125 ONSEMI-NLU1GT125_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 6
NLU1GT125 ONSEMI-NLU1GT125_V01 Datasheet
197Kb / 6P
   Non-Inverting 3-State Buffer, TTL Level
January, 2019 - Rev. 7
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
ON Semiconductor
NLU1GT126 ONSEMI-NLU1GT126 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT125 ONSEMI-NLU1GT125 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com