Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1G07CMX1TCG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLU1G07CMX1TCG
Description  Single Non-Inverting Buffer with Open Drain Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1G07CMX1TCG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLU1G07CMX1TCG Datasheet HTML 2Page - ON Semiconductor NLU1G07CMX1TCG Datasheet HTML 3Page - ON Semiconductor NLU1G07CMX1TCG Datasheet HTML 4Page - ON Semiconductor NLU1G07CMX1TCG Datasheet HTML 5Page - ON Semiconductor NLU1G07CMX1TCG Datasheet HTML 6Page - ON Semiconductor NLU1G07CMX1TCG Datasheet HTML 7Page - ON Semiconductor NLU1G07CMX1TCG Datasheet HTML 8Page - ON Semiconductor NLU1G07CMX1TCG Datasheet HTML 9Page - ON Semiconductor NLU1G07CMX1TCG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NLU1G07
http://onsemi.com
8
PACKAGE DIMENSIONS
ULLGA6 1.0x1.0, 0.35P
CASE 613AD
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
4. A MAXIMUM OF 0.05 PULL BACK OF THE
PLATED TERMINAL FROM THE EDGE OF THE
PACKAGE IS ALLOWED.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
6X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L1
1
3
4
6
DIM MIN
MAX
MILLIMETERS
A
−−−
0.40
A1
0.00
0.05
b
0.12
0.22
D
1.00 BSC
E
1.00 BSC
e
0.35 BSC
L
0.25
0.35
L1
0.30
0.40
NOTE 4
SOLDERMASK DEFINED*
DIMENSIONS: MILLIMETERS
0.22
5X
0.48
6X
1.18
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.35
1
MOUNTING FOOTPRINT
PKG
OUTLINE


Similar Part No. - NLU1G07CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G07CMX1TCG ONSEMI-NLU1G07CMX1TCG Datasheet
102Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
More results

Similar Description - NLU1G07CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
NLU1G07 ONSEMI-NLU1G07 Datasheet
102Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_V01 Datasheet
160Kb / 13P
   Single Non-Inverting Buffer with Open Drain Output
May, 2022 - Rev. 21
NL17SZ07 ONSEMI-NL17SZ07_12 Datasheet
107Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
April, 2012 ??Rev. 11
MC74VHC1G07 ONSEMI-MC74VHC1G07_11 Datasheet
118Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
May, 2011 ??Rev. 17
NLU1G07 ONSEMI-NLU1G07_16 Datasheet
141Kb / 7P
   Single Non-Inverting Buffer with Open Drain Output
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com