Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLV27WZ17DFT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLV27WZ17DFT2G
Description  Dual Non-Inverting Schmitt Trigger Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV27WZ17DFT2G Datasheet(HTML) 1 Page - ON Semiconductor

  NLV27WZ17DFT2G Datasheet HTML 1Page - ON Semiconductor NLV27WZ17DFT2G Datasheet HTML 2Page - ON Semiconductor NLV27WZ17DFT2G Datasheet HTML 3Page - ON Semiconductor NLV27WZ17DFT2G Datasheet HTML 4Page - ON Semiconductor NLV27WZ17DFT2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2012
April, 2012 − Rev. 9
1
Publication Order Number:
NL27WZ17/D
NL27WZ17
Dual Non-Inverting Schmitt
Trigger Buffer
The NL27WZ17 is a high performance dual buffer operating from a
1.65 to 5.5 V supply. At VCC = 3.0 V, high impedance TTL compatible
inputs significantly reduce current loading to input drivers while the TTL
compatible outputs offer improved switching noise performance.
Features
Extremely High Speed: tPD 2.0 ns (typical) at VCC = 5.0 V
Designed for 1.65 V to 5.5 V VCC Operation
Overvoltage Tolerant Inputs
LVTTL Compatible − Interface Capability with 5.0 V TTL Logic
with VCC = 3.0 V (2.7−3.3)
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability at VCC = 3.0 V
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Chip Complexity: FET = 72; Equivalent Gate = 18
These Devices are Pb−Free and are RoHS Compliant
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
VCC
IN A1
OUT Y1
GND
IN A2
OUT Y2
1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
IN A2
OUT Y2
1
OUT Y1
IN A1
1
2
34
5
6
MARKING DIAGRAM
SC−88/SOT−363/SC−70−6
DF SUFFIX
CASE 419B
1
MX MG
G
http://onsemi.com
MX = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
PIN ASSIGNMENT
1
2
3IN A2
IN A1
GND
4
5VCC
OUT Y2
OUT Y1
6
FUNCTION TABLE
L
A Input
Y Output
L
Pin
Function
HH
6
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NLV27WZ17DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV27WZ17DFT2G ONSEMI-NLV27WZ17DFT2G Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
More results

Similar Description - NLV27WZ17DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17 Datasheet
91Kb / 8P
   Dual Non-Inverting Schmitt Trigger Buffer
June, 2002 ??Rev. 0
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
NLU3G17 ONSEMI-NLU3G17 Datasheet
102Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. 2
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com