Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ06DFT2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL27WZ06DFT2G
Description  Dual Inverter with Open Drain Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ06DFT2G Datasheet(HTML) 3 Page - ON Semiconductor

  NL27WZ06DFT2G Datasheet HTML 1Page - ON Semiconductor NL27WZ06DFT2G Datasheet HTML 2Page - ON Semiconductor NL27WZ06DFT2G Datasheet HTML 3Page - ON Semiconductor NL27WZ06DFT2G Datasheet HTML 4Page - ON Semiconductor NL27WZ06DFT2G Datasheet HTML 5Page - ON Semiconductor NL27WZ06DFT2G Datasheet HTML 6Page - ON Semiconductor NL27WZ06DFT2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NL27WZ06
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
(V)
TA = 25°C
−40°C 3 TA 3 85°C
Units
Min
Typ
Max
Min
Max
VIH
High−Level Input Voltage
1.65
2.3 to 5.5
0.75 VCC
0.70 VCC
0.75 VCC
0.70 VCC
V
VIL
Low−Level Input Voltage
1.65
2.3 to 5.5
0.25 VCC
0.30 VCC
0.25 VCC
0.30 VCC
V
ILKG
Z−State Output
Leakage Current
VIN = VIL
VOUT = VCC or GND
1.65 to 5.5
±5.0
±10.0
mA
VOL
Low−Level Output
Voltage
VIN = VIH
IOL = 100 mA
1.65 to 5.5
0.0
0.1
0.1
V
IOL = 3 mA
1.65
0.08
0.24
IOL = 8 mA
2.3
0.22
0.3
0.3
IOL = 12 mA
2.7
0.22
0.4
0.4
IOL = 16 mA
3.0
0.28
0.4
0.4
IOL = 24 mA
3.0
0.38
0.55
0.55
IOL = 32 mA
4.5
0.42
0.55
0.55
IIN
Input Leakage Current
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
mA
IOFF
Power Off
Leakage Current
VIN = 5.5 V or
VOUT = 5.5 V
0
1
10
mA
ICC
Quiescent Supply
Current
VIN = 5.5 V or GND
5.5
1
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 2.5 ns; CL = 50 pF; RL = 500 W
Symbol
Parameter
Condition
VCC (V)
TA = 25°C
−40°C 3 TA 3 85°C
Units
Min
Typ
Max
Min
Max
tPZL
Propagation Delay
(Figure 3 and 4)
RL = R1 = 5000 W, CL = 15 pF
1.8 ± 0.15
2.0
5.7
10.5
2.0
11.0
ns
RL = R1 = 500 W, CL = 50 pF
2.5 ± 0.20
0.8
3.0
3.6
0.8
4.1
RL = R1 = 500 W, CL = 50 pF
3.3 ± 0.30
0.8
2.4
3.2
0.8
3.7
RL = R1 = 500 W, CL = 50 pF
5.0 ± 0.50
0.5
2.4
3.0
0.5
3.5
tPLZ
Propagation Delay
(Figure 3 and 4)
RL = R1 = 5000 W, CL = 15 pF
1.8 ± 0.15
2.0
5.7
10.5
2.0
11.0
ns
RL = R1 = 500 W, CL = 50 pF
2.5 ± 0.20
0.8
3.0
3.6
0.8
4.1
RL = R1 = 500 W, CL = 50 pF
3.3 ± 0.30
0.8
2.1
3.2
0.8
3.7
RL = R1 = 500 W, CL = 50 pF
5.0 ± 0.50
0.5
1.2
3.0
0.5
3.5
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Units
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
2.5
pF
COUT
Output Capacitance
VCC = 5.5 V, VI = 0 V or VCC
4
pF
CPD
Power Dissipation Capacitance (Note 6)
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
4
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL27WZ06DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ06DFT2G ONSEMI-NL27WZ06DFT2G Datasheet
94Kb / 7P
   Dual Inverter with Open Drain Outputs
February, 2007 ??Rev. 6
NL27WZ06DFT2G ONSEMI-NL27WZ06DFT2G Datasheet
123Kb / 6P
   Dual Inverter with Open Drain Outputs
May, 2013 ??Rev. 10
NL27WZ06DFT2G ONSEMI-NL27WZ06DFT2G Datasheet
329Kb / 13P
   Dual Inverter with Open Drain Outputs
September, 2020 - Rev. 11
More results

Similar Description - NL27WZ06DFT2G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC2G06 DIODES-74LVC2G06 Datasheet
258Kb / 9P
   DUAL INVERTER WITH OPEN DRAIN OUTPUTS
logo
ON Semiconductor
NL27WZ06 ONSEMI-NL27WZ06_07 Datasheet
94Kb / 7P
   Dual Inverter with Open Drain Outputs
February, 2007 ??Rev. 6
NL27WZ06 ONSEMI-NL27WZ06 Datasheet
86Kb / 8P
   Dual Inverter with Open Drain Outputs
May, 2004 ??Rev. 4
NL27WZ06 ONSEMI-NL27WZ06_13 Datasheet
123Kb / 6P
   Dual Inverter with Open Drain Outputs
May, 2013 ??Rev. 10
NL27WZ06 ONSEMI-NL27WZ06_V01 Datasheet
329Kb / 13P
   Dual Inverter with Open Drain Outputs
September, 2020 - Rev. 11
logo
NXP Semiconductors
74HC3G06 PHILIPS-74HC3G06 Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
logo
Unisonic Technologies
U74HCT3G06 UTC-U74HCT3G06 Datasheet
184Kb / 4P
   INVERTER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06 TI-SN74LVC2G06 Datasheet
317Kb / 12P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06-EP TI1-SN74LVC2G06-EP Datasheet
353Kb / 11P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com