Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ17XV5T2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL17SZ17XV5T2G
Description  Single Non-Inverting Buffer with Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ17XV5T2G Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SZ17XV5T2G Datasheet HTML 1Page - ON Semiconductor NL17SZ17XV5T2G Datasheet HTML 2Page - ON Semiconductor NL17SZ17XV5T2G Datasheet HTML 3Page - ON Semiconductor NL17SZ17XV5T2G Datasheet HTML 4Page - ON Semiconductor NL17SZ17XV5T2G Datasheet HTML 5Page - ON Semiconductor NL17SZ17XV5T2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL17SZ17
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−555C 3 TA 3 1255C
Units
Min
Typ
Max
Min
Max
VT)
Positive Input
Threshold Voltage
1.65
2.3
2.7
3.0
4.5
5.5
0.6
1.0
1.2
1.3
1.9
2.2
1.0
1.5
1.7
1.9
2.7
3.3
1.4
1.8
2.0
2.2
3.1
3.6
0.6
1.0
1.2
1.3
1.9
2.2
1.4
1.8
2.0
2.2
3.1
3.6
V
VT*
Negative Input
Threshold Voltage
1.65
2.3
2.7
3.0
4.5
5.5
0.2
0.4
0.5
0.6
1.0
1.2
0.5
0.75
0.87
1.0
1.5
1.9
0.8
1.15
1.4
1.5
2.0
2.3
0.2
0.4
0.5
0.6
1.0
1.2
0.8
1.15
1.4
1.5
2.0
2.3
V
VH
Input Hysteresis Voltage
1.65
2.3
2.7
3.0
4.5
5.5
0.1
0.25
0.3
0.4
0.6
0.7
0.48
0.75
0.83
0.93
1.2
1.4
0.9
1.1
1.15
1.2
1.5
1.7
0.1
0.25
0.3
0.4
0.6
0.7
0.9
1.1
1.15
1.2
1.5
1.7
V
VOH
High−Level Output Voltage
VIN = VIH or VIL
IOH = −100 mA
IOH = −3 mA
IOH = *8 mA
IOH = *12 mA
IOH = *16 mA
IOH = *24 mA
IOH = *32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC *0.1
1.29
1.9
2.2
2.4
2.3
3.8
VCC
1.52
2.1
2.4
2.7
2.5
4.0
VCC *0.1
1.29
1.9
2.2
2.4
2.3
3.8
V
VOL
Low−Level Output Voltage
VIN = VIH or VIL
IOL = 100 mA
IOL = 4 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
0.08
0.2
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
IIN
Input Leakage Current
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
mA
IOFF
Power Off
Leakage Current
VIN = 5.5 V or
VOUT = 5.5 V
0
1.0
10
mA
ICC
Quiescent Supply Current
VIN = 5.5 V or GND
5.5
1.0
10
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−555C 3 TA 3 1255C
Units
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation Delay
Input A to Y
(Figures 3 and 4)
RL = 1 MW, CL = 15 pF
1.65
1.8
2.5 ± 0.2
3.3 ± 0.3
5.0 ± 0.5
2.0
2.0
1.0
1.0
0.5
9.1
7.6
5.0
3.7
3.1
15
12.5
9.0
6.3
5.2
2.0
2.0
1.0
1.0
0.5
15.6
13
9.5
6.5
5.5
ns
RL = 500 W, CL = 50 pF
3.3 ± 0.3
5.0 ± 0.5
1.5
0.8
4.4
3.7
7.2
5.9
1.5
0.8
7.5
6.2
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Units
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
u2.5
pF
CPD
Power Dissipation Capacitance
(Note 7)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
9
11
pF
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL17SZ17XV5T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ17XV5T2G ONSEMI-NL17SZ17XV5T2G Datasheet
85Kb / 7P
   Single Non-Inverting Buffer with Schmitt Trigger
January, 2016 ??Rev. 16
NL17SZ17XV5T2G ONSEMI-NL17SZ17XV5T2G Datasheet
190Kb / 14P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 17
NL17SZ17XV5T2G ONSEMI-NL17SZ17XV5T2G Datasheet
162Kb / 13P
   Single Non-Inverting Buffer with Schmitt Trigger
May, 2022 - Rev. 21
NL17SZ17XV5T2G-L22087 ONSEMI-NL17SZ17XV5T2G-L22087 Datasheet
162Kb / 13P
   Single Non-Inverting Buffer with Schmitt Trigger
May, 2022 - Rev. 21
NL17SZ17XV5T2GH ONSEMI-NL17SZ17XV5T2GH Datasheet
85Kb / 7P
   Single Non-Inverting Buffer with Schmitt Trigger
January, 2016 ??Rev. 16
More results

Similar Description - NL17SZ17XV5T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ17 ONSEMI-NL17SZ17_16 Datasheet
85Kb / 7P
   Single Non-Inverting Buffer with Schmitt Trigger
January, 2016 ??Rev. 16
NL17SZ1 ONSEMI-NL17SZ1 Datasheet
59Kb / 6P
   Single Non-Inverting Buffer with Schmitt Trigger
December, 2004 ??Rev. 6
NL17SZ17 ONSEMI-NL17SZ17_V01 Datasheet
162Kb / 13P
   Single Non-Inverting Buffer with Schmitt Trigger
May, 2022 - Rev. 21
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17 Datasheet
91Kb / 8P
   Dual Non-Inverting Schmitt Trigger Buffer
June, 2002 ??Rev. 0
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NL27WZ17 ONSEMI-NL27WZ17_12 Datasheet
105Kb / 5P
   Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com