Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ06XV5T2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL17SZ06XV5T2G
Description  Single Inverter with Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ06XV5T2G Datasheet(HTML) 2 Page - ON Semiconductor

  NL17SZ06XV5T2G Datasheet HTML 1Page - ON Semiconductor NL17SZ06XV5T2G Datasheet HTML 2Page - ON Semiconductor NL17SZ06XV5T2G Datasheet HTML 3Page - ON Semiconductor NL17SZ06XV5T2G Datasheet HTML 4Page - ON Semiconductor NL17SZ06XV5T2G Datasheet HTML 5Page - ON Semiconductor NL17SZ06XV5T2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NL17SZ06
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Characteristics
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5 ≤ VI ≤ +7.0
V
VO
DC Output Voltage
Output in Z or LOW State (Note 1)
−0.5 ≤ VO ≤ 7.0
V
IIK
DC Input Diode Current
VI < GND
−50
mA
IOK
DC Output Diode Current
VO < GND
−50
mA
IO
DC Output Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
PD
Power Dissipation in Still Air
SOT−353
SOT−553
186
135
mW
qJA
Thermal Resistance
SOT−353
SOT−553
350
496
°C/W
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
ILatch−Up
Latchup Performance
Above VCC and Below GND at 85°C (Note 5)
±500
mA
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
ESD
ESD Classification
Human Body Model (Note 3)
Machine Model (Note 4)
Charged Device Model (Note 5)
Class IC
Class A
N/A
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. IO absolute maximum rating must be observed.
2. Tested to EIA/JESD22−A114−A, rated to EIA/JESD22−A114−B.
3. Tested to EIA/JESD22−A115−A, rated to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
1.65
1.5
5.5
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
(Z or LOW State)
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 2.5 V ±0.2 V
VCC = 3.0 V ±0.3 V
VCC = 5.0 V ±0.5 V
0
0
0
20
10
5
ns/V


Similar Part No. - NL17SZ06XV5T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ06XV5T2G ONSEMI-NL17SZ06XV5T2G Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06XV5T2G ONSEMI-NL17SZ06XV5T2G Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
NL17SZ06XV5T2G ONSEMI-NL17SZ06XV5T2G Datasheet
170Kb / 13P
   Single Inverter with Open Drain Output
March, 2020 - Rev. 12
NL17SZ06XV5T2G-L22087 ONSEMI-NL17SZ06XV5T2G-L22087 Datasheet
170Kb / 13P
   Single Inverter with Open Drain Output
March, 2020 - Rev. 12
More results

Similar Description - NL17SZ06XV5T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
NL17SZ06 ONSEMI-NL17SZ06_15 Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06 ONSEMI-NL17SZ06 Datasheet
60Kb / 6P
   Single Inverter with Open Drain Outputs
January, 2005 ??Rev. 3
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_18 Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
NL17SZ05 ONSEMI-NL17SZ05_18 Datasheet
186Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 0
NLV17SZ06 ONSEMI-NLV17SZ06 Datasheet
71Kb / 5P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 0
logo
NXP Semiconductors
74HC3G06 PHILIPS-74HC3G06 Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
logo
Unisonic Technologies
U74HCT3G06 UTC-U74HCT3G06 Datasheet
184Kb / 4P
   INVERTER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_17 Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com