Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA222S12 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISLA222S12
Description  Providing high-performance solutions for every link in the signal chain
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA222S12 Datasheet(HTML) 5 Page - Intersil Corporation

  ISLA222S12 Datasheet HTML 1Page - Intersil Corporation ISLA222S12 Datasheet HTML 2Page - Intersil Corporation ISLA222S12 Datasheet HTML 3Page - Intersil Corporation ISLA222S12 Datasheet HTML 4Page - Intersil Corporation ISLA222S12 Datasheet HTML 5Page - Intersil Corporation ISLA222S12 Datasheet HTML 6Page - Intersil Corporation ISLA222S12 Datasheet HTML 7Page - Intersil Corporation ISLA222S12 Datasheet HTML 8Page - Intersil Corporation ISLA222S12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Intersil Signal Path Products  2012  www.intersil.com
5
Key Products
Intersil’s Solutions For
Weigh Scale
Product Type
Part Number
Where Used in Weigh Scale
Key Features / Benefits
Precision Amplifier
Low Noise 5V
ISL28190, ISL28191
40V
ISL28117/217/417, ISL28118/218
Strain gauge sense amps
Low offset
Low drift
High CMRR / PSRR
Low Drift, Precision, 5V
ISL28133, EL8176, ISL28134,
ISL28133/233/433,
ISL28136/236
Voltage reference buffer circuits
Low Cost Op Amps
ISL28113/213/413
ISL28114/214/414
ISL28130/230/430
Strain gauge sense amp
Low power
Instrumentation Amplifiers
Low Power In-Amps 5V
EL8170, EL8172/72, ISL28274
40V Precision, Low Noise
In-Amp
ISL28617
Bridge front ends
Low power
Voltage References
Low Noise References
ISL21009, ISL21090
Used as active sources for sensors
Low noise
Low power
Low Cost References
ISL21070, ISL21080, ISL60002
Accurate voltage sources for data conversion
Interface
RS-232
ISL4221E, ISL3232E
RS-485
ISL317XE, ISL315XE
Serial communication between the system
slave and master
IEC61000 ESD
Small packages
Enhanced VOD (ISL315XE)
Switches/ MUXes
ISL43741
ISL84052
ISL84582
Sensor signal multiplexing between load cell
and signal conditioning amplifier, allows very
accurate ADC to be shared between load cells
Low RON for low signal loss and higher accuracy
Usually differential connections to keep noise low
Small size
Analog-Digital Converters
24-bit Delta-Sigma ADCs
ISL26132, ISL26134
Low-cost counter/trade/commercial/retail
scales
Lowest noise/high accuracy at low cost
Complete solution
Easy to use
ISL26102, ISL26104
Precision scales, counting scales, trade
scales, dynamic weighing, pressure sensing,
safety monitors
Industry-leading low noise up to 4000SPS
Integrated PGA ensures measurement accuracy
Cost-effective high-performance solution
Load
Cell
LCD
Display/
Printer
Interface
RS232/485
Amp
MCU
ADC
Mux
VREF
DC-DC
LDO
Voltage
Supervisors
& System Mgt


Similar Part No. - ISLA222S12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA222S12 INTERSIL-ISLA222S12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S12 RENESAS-ISLA222S12 Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA222S12 RENESAS-ISLA222S12 Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA222S12IR1Z INTERSIL-ISLA222S12IR1Z Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA222S12IR1Z INTERSIL-ISLA222S12IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
More results

Similar Description - ISLA222S12

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDP-TW3000-BSY DH-CDP-TW3000-BSY Datasheet
430Kb / 3P
   High-performance chain drives
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Winchester Electronics ...
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
   THE CAP, CHAIN
logo
Advanced Thermal Soluti...
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
logo
STMicroelectronics
AN3070 STMICROELECTRONICS-AN3070 Datasheet
197Kb / 12P
   Managing the Driver Enable signal for RS-485 and IO-Link
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com