Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG04P5T5G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SG04P5T5G
Description  Single Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG04P5T5G Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SG04P5T5G Datasheet HTML 1Page - ON Semiconductor NL17SG04P5T5G Datasheet HTML 2Page - ON Semiconductor NL17SG04P5T5G Datasheet HTML 3Page - ON Semiconductor NL17SG04P5T5G Datasheet HTML 4Page - ON Semiconductor NL17SG04P5T5G Datasheet HTML 5Page - ON Semiconductor NL17SG04P5T5G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NL17SG04
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
Symbol
Parameter
Test Condition
VCC (V)
TA = 255 C
TA =
-555C to +1255C
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Propagation Delay,
A or B to Y
CL = 10 pF,
RL = 1 MW
0.9
-
10.0
13.3
-
17.0
ns
1.1 to 1.3
-
8.7
11.2
-
14.0
1.4 to 1.6
-
4.9
8.5
-
10.0
1.65 to 1.95
-
3.8
6.2
-
6.7
2.3 to 2.7
-
2.6
3.9
-
4.4
3.0 to 3.6
-
2.1
3.1
-
3.7
CL = 15 pF,
RL = 1 MW
0.9
-
11.55
13.7
-
19.7
ns
1.1 to 1.3
-
7.2
10.8
-
15.6
1.4 to 1.6
-
5.4
9.3
-
11.2
1.65 to 1.95
-
4.2
6.9
-
7.1
2.3 to 2.7
-
2.8
4.4
-
5.0
3.0 to 3.6
-
2.3
3.4
-
3.9
CL = 30 pF,
RL = 1 MW
0.9
-
16.85
18.9
-
22.3
ns
1.1 to 1.3
-
10.2
13.4
-
17.5
1.4 to 1.6
-
7.4
13.1
-
15.9
1.65 to 1.95
-
5.6
9.2
-
9.6
2.3 to 2.7
-
3.7
5.7
-
6.1
3.0 to 3.6
-
2.9
4.4
-
4.8
CIN
Input Capacitance
0 to 3.6
3
-
-
-
pF
CPD
Power Dissipation
Capacitance (Note 5)
f = 10 MHz
0.9 to 3.6
-
4
-
-
-
pF
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL17SG04P5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG04P5T5G ONSEMI-NL17SG04P5T5G Datasheet
91Kb / 9P
   Single Inverter
June, 2016 ??Rev. 6
More results

Similar Description - NL17SG04P5T5G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
   Single Inverter
July, 2016 ??Rev. 4
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
   Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
   Single Inverter
March, 2008 - Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
   Single Inverter
August, 2011 ??Rev. 1
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
   Single Inverter
January, 2005 ??Rev. 2
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
   Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
NL17SZ04XV5T2 ONSEMI-NL17SZ04XV5T2 Datasheet
59Kb / 6P
   Single Inverter
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com