Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2610AN Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA2610AN
Description  Laser Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2610AN Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA2610AN Datasheet HTML 2Page - Sony Corporation CXA2610AN Datasheet HTML 3Page - Sony Corporation CXA2610AN Datasheet HTML 4Page - Sony Corporation CXA2610AN Datasheet HTML 5Page - Sony Corporation CXA2610AN Datasheet HTML 6Page - Sony Corporation CXA2610AN Datasheet HTML 7Page - Sony Corporation CXA2610AN Datasheet HTML 8Page - Sony Corporation CXA2610AN Datasheet HTML 9Page - Sony Corporation CXA2610AN Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
– 6 –
CXA2610AN
Notes on Operation
• Locate the external resistors connected to the IINR, IIN2 and IIN3 pins close to the IC package to prevent the
effect from other signal lines.
• Make the wiring distance between the output LD0 pin and the laser diode as short as possible.
If this wiring is longer, the output waveform characteristics show that the rise and fall times (Tr and Tf)
become slower as the ringing becomes larger.
• The external resistor connected to Pin 10 (OSCGA) should be within the range from 12
Ω to 2kΩ.
In addition, this resistance value should be set in consideration of the laser diode Ith so that the oscillation
level at IINR = 0V does not exceed the read power.
• Temperature assurance
The junction temperature for the CXA2610AN laser driver should not exceed 150°C. In addition, the power
consumption (PO) should be the allowable power dissipation (PD) or less, and the IC should be used with a
lowered thermal resistance (
θj-a) for board mounting so that normal operation is possible at the maximum
operating temperature of 70°C.
Widening the GND area on the set board and other heat radiation countermeasures within the set are
necessary in order to lower
θj-a.
This is because the CXA2610AN thermal resistance (
θj-a) differs according to the board, and the power
consumption (PO) is also difficult to predict with future increases in power.
Obtain the thermal resistance (
θj-a) and power consumption (PO) of the package by the following method.
Power consumption (PO): Oscillator ON state (OSC level = 47mAp-p)
PO = (ICC2 + (total of each input current
× 10)) × VCC + (IOP × (VCC – VOP))
ICC2: See page 3 of this Data Sheet.
IOP: Output drive current flowing from the LD0 pin to the laser diode
VOP: Laser diode operating voltage
or, the power consumption can also be obtained as follows.
PO = (ICC
× VCC) – (IOP × VOP)
ICC: Device current consumption (including IOP) during operation
Thermal resistance (
θj-a) when mounted on a board
The diode temperature coefficient is –2.27mV/°C
(1) ENABLE pin voltage – VCC pin voltage after applying 0V to the IINR, IIN2 and IIN3 pins = V1
(2) ENABLE pin voltage – VCC pin voltage immediately after applying 3V to IINR = V2
(3) ENABLE pin voltage – VCC pin voltage after applying 3V to the IINR pin and reaching a
thermally balanced state = V3
The change in current consumption between (1) and (2)
∆ICC = (3V/(Rext + 250Ω)) × 104.
This
∆ICC causes the ENABLE pin internal forward protective diode connection VCC voltage to vary
(
∆VCC) due to the effects of the wiring resistance from the VCC pin voltage which is used as the
reference.
The voltage fall coefficient (VR) used to correct this
∆VCC can be obtained by VR = (V1 – V2)/∆ICC.
Using VR to apply correction to V3 yields the equation:
(
∆ICC × VR) + V3 = V4.
From this,
∆Tj = (V4 – V2) mV/–2.27mV/°C, and θj-a = ∆Tj/PO [°C/W].
• Allowable power dissipation (PD)
≥ PO [W]
PD = (150°C – ambient temperature)/
θj-a
• Maximum operating temperature 70 °C
(150°C –
∆Tj) ≥ 70°C
Thus, if
θj-a can be lowered from these two conditions, the maximum operating temperature can also
be raised.
10
11
5V
5V
5V
10V
1M
Diode measurement point
ENABLE
VCC
VCC
9
Thermal Resistance Measurement Circuit


Similar Part No. - CXA2610AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
   Laser Driver
More results

Similar Description - CXA2610AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
   Laser Driver
CXB1558Q-Y SONY-CXB1558Q-Y Datasheet
272Kb / 11P
   Laser Driver
CXB1548Q-Y SONY-CXB1548Q-Y Datasheet
288Kb / 12P
   Laser Driver
logo
Agere Systems
LG1625AXF AGERE-LG1625AXF Datasheet
363Kb / 12P
   LG1625AXF Laser Driver
logo
Intersil Corporation
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
Intersil Corporation
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com