Electronic Components Datasheet Search |
|
CKD31BJB1A100S(160A) Datasheet(PDF) 5 Page - TDK Electronics |
|
CKD31BJB1A100S(160A) Datasheet(HTML) 5 Page - TDK Electronics |
5 / 6 page (4/5) 005-02 / 20111007 / e4161_ckd.fm • All specifications are subject to change without notice. Please read the precautions before using this catalog. • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. • For more information about the products of other capacitance or data, please contact us. CAPACITANCE RANGES: CLASS 2 TEMPERATURE CHARACTERISTICS: JB(±10%) TEMPERATURE CHARACTERISTICS: JB(±10%) Capacitance Dimension L ×W Thickness T(mm) Capacitance tolerance Rated current Idc (mA)max. Insulation resistance (M Ω)min. DC resistance ( Ω)max. Part No. Rated voltage Edc: 50V Rated voltage Edc: 25V Rated voltage Edc: 16V 22pF 3212 0.85±0.15 +50, –20% 200 10000 0.6 CKD110JB1E220S(085AA) 2012 0.85±0.15 +50, –20% 400 10000 0.5 CKD510JB1H220S(085AA) 47pF 3212 0.85±0.15 +50, –20% 200 10000 0.6 CKD110JB1E470S(085AA) 2012 0.85±0.15 +50, –20% 400 10000 0.5 CKD510JB1H470S(085AA) 100pF 3212 0.85±0.15 +50, –20% 200 10000 0.6 CKD110JB1E101S(085AA) 2012 0.85±0.15 +50, –20% 400 10000 0.5 CKD510JB1H101S(085AA) 220pF 3212 0.85±0.15 +50, –20% 200 10000 0.6 CKD110JB1E221S(085AA) 2012 0.85±0.15 +50, –20% 400 10000 0.5 CKD510JB1H221S(085AA) 470pF 3212 0.85±0.15 +50, –20% 200 10000 0.6 CKD110JB1E471S(085AA) 2012 0.85±0.15 +50, –20% 400 10000 0.5 CKD510JB1H471S(085AA) 1nF 3212 0.85±0.15 +50, –20% 200 10000 0.6 CKD110JB1E102S(085AA) 2012 0.85±0.15 +50, –20% 400 10000 0.5 CKD510JB1H102S(085AA) 2.2nF 3212 0.85±0.15 +50, –20% 200 10000 0.6 CKD110JB1E222S(085AA) 2012 0.85±0.15 +50, –20% 400 10000 0.5 CKD510JB1H222S(085AA) 4.7nF 3212 0.85±0.15 +50, –20% 200 10000 0.6 CKD110JB1E472S(085AA) 2012 0.85±0.15 +50, –20% 400 10000 0.5 CKD510JB1H472S(085AA) 10nF 3212 0.85±0.15 +50, –20% 500 10000 0.3 CKD110JB1E103S(085AA) 2012 0.85±0.15 +50, –20% 1000 10000 0.08 CKD510JB1E103S(085AA) 22nF 3212 0.85±0.15 +50, –20% 500 10000 0.3 CKD110JB1E223S(085AA) 2012 0.85±0.15 +50, –20% 1000 10000 0.08 CKD510JB1E223S(085AA) 47nF 3212 0.85±0.15 +50, –20% 500 10000 0.3 CKD110JB1E473S(085AA) 2012 0.85±0.15 +50, –20% 1000 10000 0.08 CKD510JB1E473S(085AA) 100nF 3212 0.85±0.15 +50, –20% 500 5000 0.3 CKD110JB1E104S(085AA) 1.60 +50, –20% 2000 1000 0.04 CKD310JB1C104S(160AA) 2012 0.85±0.15 +50, –20% 1000 5000 0.08 CKD510JB1E104S(085AA) 1608 0.80±0.10 +50, –20% 2000 1000 0.03 CKD610JB1E104S(080AA) 0.60±0.10 +50, –20% 2000 5000 0.012 CKD61BJB1E104S(060AA) 220nF 3216 1.60 +50, –20% 2000 455 0.04 CKD310JB1C224S(160AA) 1608 0.80±0.10 +50, –20% 2000 455 0.03 CKD610JB1C224S(080AA) 0.60±0.10 +50, –20% 2000 2273 0.012 CKD61BJB1C224S(060AA) 470nF 3216 1.60 +50, –20% 2000 213 0.04 CKD310JB1C474S(160AA) 2012 0.85±0.15 +50, –20% 2000 213 0.03 CKD510JB1C474S(085AA) 1µF 3216 1.60 +50, –20% 2000 100 0.04 CKD310JB1C105S(160AA) Capacitance Dimension L ×W Thickness T(mm) Capacitance tolerance Rated current Idc (mA)max. Insulation resistance (M Ω)min. DC resistance ( Ω)max. Part No. Rated voltage Edc: 10V Rated voltage Edc: 6.3V 470nF 1608 0.80±0.10 +50, –20% 2000 213 0.04 CKD610JB0J474S(080AA) 0.60±0.10 +50, –20% 2000 213 0.03 CKD61BJB0J474S(060AA) 1005 0.30±0.05 +50, –20% 2000 213 0.03 CKD710JB0J474S(030AB) 1µF 2012 0.85±0.15 +50, –20% 2000 100 0.012 CKD510JB1A105S(085AA) 1608 0.80±0.10 +50, –20% 2000 100 0.012 CKD610JB0J105S(080AA) 0.60±0.10 +50, –20% 2000 100 0.03 CKD61BJB0J105S(060AA) 2.2µF 2012 0.85±0.15 +50, –20% 2000 45 0.012 CKD510JB1A225S(085AB) 1608 0.80±0.10 +50, –20% 2000 45 0.012 CKD610JB0J225S(080AA) 4.7µF 2012 0.85±0.15 +50, –20% 3000 21 0.012 CKD510JB1A475S(085AB) 1608 0.60±0.10 +50, –20% 2000 21 0.012 CKD61BJB0J475S(060AC) 10µF 2012 0.85±0.15 +50, –20% 4000 10 0.012 CKD510JB0J106S(085AB) 22µF 3216 1.60 +50, –20% 4000 4.5 0.012 CKD310JB0J226S(160AB) 2012 0.85±0.15 +50, –20% 4000 4.5 0.012 CKD510JB0J226S(085AC) |
Similar Part No. - CKD31BJB1A100S(160A) |
|
Similar Description - CKD31BJB1A100S(160A) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |