Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148EV30LL-45ZSXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62148EV30LL-45ZSXI
Description  4-Mbit (512 K 횞 8) Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148EV30LL-45ZSXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62148EV30LL-45ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62148EV30LL-45ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62148EV30LL-45ZSXI Datasheet HTML 9Page - Cypress Semiconductor CY62148EV30LL-45ZSXI Datasheet HTML 10Page - Cypress Semiconductor CY62148EV30LL-45ZSXI Datasheet HTML 11Page - Cypress Semiconductor CY62148EV30LL-45ZSXI Datasheet HTML 12Page - Cypress Semiconductor CY62148EV30LL-45ZSXI Datasheet HTML 13Page - Cypress Semiconductor CY62148EV30LL-45ZSXI Datasheet HTML 14Page - Cypress Semiconductor CY62148EV30LL-45ZSXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CY62148EV30 MoBL®
Document Number: 38-05576 Rev. *O
Page 11 of 18
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
45
CY62148EV30LL-45BVI
51-85149 36-ball VFBGA
Industrial
CY62148EV30LL-45BVXI
51-85149 36-ball VFBGA (Pb-free)
CY62148EV30LL-45ZSXI
51-85095 32-pin TSOP II (Pb-free)
CY62148EV30LL-45ZSXA
51-85095 32-pin TSOP II (Pb-free)
Automotive-A
55
CY62148EV30LL-55SXI
51-85081 32-pin SOIC (Pb-free)
Industrial
Contact your local Cypress sales representative for availability of these parts.
Ordering Code Definitions
Temperature Grade: X = I or A
I = Industrial; A = Automotive-A
Pb-free
Package Type: XX = BV or ZS or S
BV = 36-ball VFBGA
ZS = 32-pin TSOP II
S = 32-pin SOIC
Speed Grade: XX = 45 ns or 55 ns
LL = Low Power
V30 = 3 V (typical)
Process Technology: E = 90 nm
Bus width: 8 = × 8
Density: 4 = 4-Mbit
Family Code: 621 = MoBL SRAM family
Company ID: CY = Cypress
CY
XX
XX
621
4
8
E
X
LL
X
-
V30


Similar Part No. - CY62148EV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148EV30LL-45ZSXI CYPRESS-CY62148EV30LL-45ZSXI Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY62148EV30LL-45ZSXI CYPRESS-CY62148EV30LL-45ZSXI Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results

Similar Description - CY62148EV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY62148E CYPRESS-CY62148E_13 Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
CY7C1049CV33AUTO CYPRESS-CY7C1049CV33AUTO Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY7C1049D CYPRESS-CY7C1049D_11 Datasheet
330Kb / 12P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com