Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14MB064J2A-SXIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14MB064J2A-SXIT
Description  64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14MB064J2A-SXIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14MB064J2A-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 9Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 10Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 11Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 12Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 13Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 14Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PRELIMINARY
CY14MB064J1A/CY14MB064J2A
CY14ME064J1A/CY14ME064J2A
Document Number: 001-70393 Rev. *E
Page 11 of 28
Current nvSRAM Read
Each read operation starts with the master transmitting the
nvSRAM slave address with the LSB set to ‘1’ to indicate “Read”.
The reads start from the address on the address counter. The
address counter is set to the address location next to the last
accessed with a “Write” or “Read” operation. The master may
terminate a read operation after reading 1 byte or continue
reading addresses sequentially till the last address in the
memory after which the address counter rolls back to the
address 0x0000. The valid methods of terminating read access
are described in Section Read Operation on page 10.
Figure 12. Single-Byte Write into nvSRAM (Hs-mode)
S0 0
0
0 1X X
X
A
A
A
A
S
T
A
R
T
Memory Slave Address
Most Significant Address
Byte
Least Significant Address
Byte
Hs-mode command
SDA Line
By Master
A
S
T
0
P
P
Data Byte
Sr 10
1
0 A2 A1 A0 0
By nvSRAM
XX X
Figure 13. Multi-Byte Write into nvSRAM (Hs-mode)
S0 0
0
0 1X X
X
A
A
A
A
S
T
A
R
T
Memory Slave Address
Most Significant Address
Byte
Least Significant Address
Byte
Hs-mode command
SDA Line
By Master
A
Data Byte 1
Sr 10
1
0 A2 A1 A0 0
A
Data Byte 2
A
Data Byte 3
A
S
T
0
P
P
Data Byte N
By nvSRAM
SDA Line
By Master
By nvSRAM
XX X
Figure 14. Current Location Single-Byte nvSRAM Read (except Hs-mode)
S1
0
1
0
A2 A1 A0 1
A
A
S
T
A
R
T
S
T
0
P
P
Data Byte
Memory Slave Address
SDA Line
By Master
By nvSRAM


Similar Part No. - CY14MB064J2A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J2A-SXIT CYPRESS-CY14MB064J2A-SXIT Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14MB064J2A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com