Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL4485E Datasheet(PDF) 34 Page - Intersil Corporation

Part # ISL4485E
Description  Providing high-performance solutions for every link in the signal chain
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4485E Datasheet(HTML) 34 Page - Intersil Corporation

Back Button ISL4485E Datasheet HTML 30Page - Intersil Corporation ISL4485E Datasheet HTML 31Page - Intersil Corporation ISL4485E Datasheet HTML 32Page - Intersil Corporation ISL4485E Datasheet HTML 33Page - Intersil Corporation ISL4485E Datasheet HTML 34Page - Intersil Corporation ISL4485E Datasheet HTML 35Page - Intersil Corporation ISL4485E Datasheet HTML 36Page - Intersil Corporation ISL4485E Datasheet HTML 37Page - Intersil Corporation ISL4485E Datasheet HTML 38Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34
Intersil Signal Path Products  2012  www.intersil.com
Input Noise Voltage Spectral Density
FREQUENCY (Hz)
1
10
100
1
10
100
1k
10k
100k
Features and benefits
• Full dielectric isolation (DI) and high ESD cells (>4kV ESD
HBM) provide highly robust inputs compared to older
process amplifiers.
• Thin film resistors and fuse-link trim cells offer very low
offset voltages (Figure 2)
Features
• Very Low Voltage Noise.........................................2.5nV/√Hz
• Low Input Offset....................................................70μV, Max.
• Superb Offset Drift ........................................0.5μV/°C, Max.
• Wide Supply Range..............................................4.5V to 40V
• Gain-bandwidth Product................10MHz Unity Gain Stable
• Outstanding ESD Performance
- Human Body Model: 4.0kV
Precision high voltage op amps were developed on
Intersil’s new PR40 process. PR40 is a new precision
process that enables Intersil to develop competitive
precision high voltage amplifiers. Key features of the
new process are full DI, complementary bipolar, low
noise, well-matched Super-beta transistors, P-channel
JFET, high breakdown voltage (>44V), high density
capacitors, Thin Film resistors, fuse-link trim cells, and
high ESD cells. (Figure 1)
Intersil’s ISL28127 is a high voltage precision op amp,
delivering low frequency noise, low distortion, ultra low
offset and low drift offset.
Figure 1 Cross-section drawing of PR40 NPN and PNP devices
Figure 2
Ultra Low Noise: 2.5nV/√Hz @ 1kHz
1/F noise corner at 5Hz
Part Number
Supply
Voltage (V)
Rail-To-Rail
Vos
Max @
25°C
TCVos
Typ
Ib Max
@
25°C
CMRR
min @
25°C
PSRR
min @
25°C
Av
min @
25°C
Is Max
@
25°C
GBW
Slew
Rate
Noise
0.1 to
10Hz
Voltage
Noise @
1kHz
Current
Noise @
1kHz
Single
Dual
Quad
Min Max
In
Out
µV
µV/°C
nA
dB
dB
dB
mA
MHz
V/µs
µVpp
nV/√Hz
fA/√Hz
ISL28117B ISL28217B ISL28417B 4.5
40
No
No
50
0.14
1
120
120
129.5
0.53
1.5
0.5
0.25
8
100
ISL28127 ISL28227
4.5
40
No
No
70
0.1
10
115
115
120
2.8
10
3.6
0.085
2.5
400
ISL28107 ISL28207
ISL28407
4.5
40
No
No
75
0.1
0.3
115
115
129.5
0.29
1
0.32
0.34
13
53
ISL28117C ISL28217C ISL28417C 4.5
40
No
No
100
0.14
1
120
120
129.5
0.53
1.5
0.5
0.25
8
100
ISL28118
ISL28218
3
40
Single Supply Yes
230
0.3
575
103
109
124.7
1.1
4
1.2
0.3
5.6
355
ISL28177
4.5
40
No
No
150
0.5
1
120
115
120
1.4
0.6
0.2
0.38
9.5
87
ISL28108 ISL28208
ISL28408
3
40
Single Supply Yes
250
0.1
43
105
110
117
0.25
1.2
0.45
0.58
15.8
80
ISL28110
ISL28210
9
40
No
No
300
1
0.002
88
102
104
2.9
12.5
23
0.6
6
9
ISL28325
ISL28345
5
40
No
No
1000
4
5
80
80
100
0.7
1.2
0.4
0.4
9
100
ISL28217
0
20
40
60
80
100
120
140
-50
-30
-10
10
30
50
VOS (µV)
40V Low Noise, Precision Bipolar Op Amp: ISL28127
New Wave of Amplifiers
From PR40-Precision-SOI
Advance Bipolar Process
Precision High Voltage Op
Amps were Developed on
Intersil’s New PR40 Process
20% Lower Noise at 30% Less Power Than
Competition
PR40 Process
Low Offset Voltage
High Voltage Ultra Precision
Evalboard
Available!
Evalboard
Available!
Bond Ox
NBL
PBL
N- collector
NPN
PNP
NSink
PSink
P-collector
Deep Trench
NBase
PBase
N+emit
P+emit
M2
Passivation
M1


Similar Part No. - ISL4485E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL4485EIB INTERSIL-ISL4485EIB Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL4485EIB RENESAS-ISL4485EIB Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL4485EIB-T INTERSIL-ISL4485EIB-T Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
More results

Similar Description - ISL4485E

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDP-TW3000-BSY DH-CDP-TW3000-BSY Datasheet
430Kb / 3P
   High-performance chain drives
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Winchester Electronics ...
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
   THE CAP, CHAIN
logo
Advanced Thermal Soluti...
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
logo
STMicroelectronics
AN3070 STMICROELECTRONICS-AN3070 Datasheet
197Kb / 12P
   Managing the Driver Enable signal for RS-485 and IO-Link
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com