Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65630-56LFXA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C65630-56LFXA
Description  EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65630-56LFXA Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C65630-56LFXA Datasheet HTML 1Page - Cypress Semiconductor CY7C65630-56LFXA Datasheet HTML 2Page - Cypress Semiconductor CY7C65630-56LFXA Datasheet HTML 3Page - Cypress Semiconductor CY7C65630-56LFXA Datasheet HTML 4Page - Cypress Semiconductor CY7C65630-56LFXA Datasheet HTML 5Page - Cypress Semiconductor CY7C65630-56LFXA Datasheet HTML 6Page - Cypress Semiconductor CY7C65630-56LFXA Datasheet HTML 7Page - Cypress Semiconductor CY7C65630-56LFXA Datasheet HTML 8Page - Cypress Semiconductor CY7C65630-56LFXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CY7C65620/CY7C65630
Document Number: 38-08037 Rev. *V
Page 5 of 28
Downstream Ports
The CY7C65620/CY7C65630 supports a maximum of four
downstream ports, each of which may be marked as usable or
removable in the extended configuration (0xD2 EEPROM load
or 0xD4 EEPROM load, see Configuration Options on page 13.
Downstream D+ and D– pull-down resistors are incorporated in
CY7C65620/CY7C65630 for each port. Before the hubs are
configured, the ports are driven SE0 (single ended zero, where
both D+ and D– are driven low) and are set to the unpowered
state. When the hub is configured, the ports are not driven and
the host may power the ports by sending a SetPortPower
command for each port. After a port is powered, any connect or
disconnect event is detected by the hub. Any change in the port
state is reported by the hubs back to the host through the status
change endpoint (endpoint 1). On receipt of SetPortReset
request for a port with a device connected, the hub does as
follows:
Performs a USB reset on the corresponding port
Puts the port in an enabled state
Enables the green port indicator for that port (if not previously
overridden by the host)
Enables babble detection after the port is enabled.
Babble consists of a non-idle condition on the port after EOF2. If
babble is detected on an enabled port, that port is disabled. A
ClearPortEnable request from the host also disables the
specified port.
Downstream ports can be individually suspended by the host
with the SetPortSuspend request. If the hub is not suspended, a
remote wakeup event on that port is reflected to the host through
a port change indication in the hub status change endpoint. If the
hub is suspended, a remote wakeup event on this port is
forwarded to the host. The host may resume the port by sending
a ClearPortSuspend command.
Upstream Port
The upstream port includes the transmitter and the receiver state
machine. The transmitter and receiver operate in high-speed
and full-speed depending on the current hub configuration.
The transmitter state machine monitors the upstream facing port
while the hub repeater has connectivity in the upstream direction.
This machine prevents babble and disconnect events on the
downstream facing ports of this hub from propagating and
causing the hub to be disabled or disconnected by the hub to
which it is attached.
Power Switching
The CY7C65620/CY7C65630 includes interface signals for
external port power switches. Both ganged and individual
(per-port) configurations are supported, with individual switching
being the default. Initially all ports are unpowered. After
enumerating, the host may power each port by sending a
SetPortPower request for that port. The power switching and
overcurrent detection of downstream ports is managed by
control pins connected to an external power switch device. PWR
[n]# output pins of the CY7C65620/CY7C65630 series are
connected to the respective external power switch's port power
enable signals. Note that each port power output pin of the
external power switch must be bypassed with an electrolytic or
tantalum capacitor as required by the USB specification. These
capacitors supply the inrush currents, which occur during
downstream device hot-attach events. The polarity of this pin is
configured through the EEPROM; see Configuration Options on
page 13.
Overcurrent Detection
Overcurrent detection includes 8 ms of timed filtering by default.
This parameter is configured from the external EEPROM in a
range of 0 ms to 15 ms for both enabled ports and disabled ports
individually. Detection of overcurrent on downstream ports is
managed by control pins connected to an external power switch
device.
The OVR[n]# pins of the CY7C65620/CY7C65630 series are
connected to the respective external power switch’s port
overcurrent indication (output) signals. After detecting an
overcurrent condition, hub reports overcurrent condition to the
host and disables the PWR# output to the external power device.
The polarity of the OVR pins can be configured through the
EEPROM; see Configuration Options on page 13.
Port Indicators
The USB 2.0 port indicators are also supported directly by
CY7C65620/CY7C65630. According to the specification, each
downstream port of the hub optionally supports a status
indicator. The presence of indicators for downstream facing ports
is specified by bit 7 of the wHubCharacteristics field of the hub
class
descriptor.
The
default
CY7C65620/CY7C65630
descriptor
specifies
that
port
indicators
are
supported
(wHubCharacteristics, bit 7 is set). If port indicators are not
included in the hub, disable this bit through EEPROM settings.
Each port indicator pin is strategically located directly on the
opposite edge of the port with which it is associated. A port
indicator provides two colors: green and amber. This is usually
implemented as two separate LEDs, one amber and the other
green. A combination of hardware and software control is used
to inform the user of the current status of the port or the device
attached to the port and to guide the user through problem
resolution. Colors and blinking provide information to the user.
The significance of the color of the LED depends on the
operational
mode
of
CY7C65620/CY7C65630.
The
CY7C65620/CY7C65630 port indicators has two modes of
operation: automatic and manual.
On power up the CY7C65620/CY7C65630 defaults to automatic
mode, where the color of the Port Indicator (green, amber, off)
indicates the functional status of the CY7C65620/CY7C65630
port. In automatic mode, the CY7C65620/CY7C65630 turns on
the green LED whenever the port is enabled and the amber LED
when an overcurrent condition is detected. The color of the port
indicator is set by the port state machine. Blinking of the LEDs is
not supported in automatic mode. Table 1 identifies the mapping
of color to port state in automatic mode.


Similar Part No. - CY7C65630-56LFXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65630-56LFXA CYPRESS-CY7C65630-56LFXA Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C65630-56LFXA CYPRESS-CY7C65630-56LFXA Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C65630-56LFXA CYPRESS-CY7C65630-56LFXA Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65630-56LFXA CYPRESS-CY7C65630-56LFXA Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65630-56LFXA CYPRESS-CY7C65630-56LFXA Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY7C65630-56LFXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621 Datasheet
532Kb / 24P
   EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com