Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65634-48AXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C65634-48AXC
Description  HX2VL??Very Low Power USB 2.0 Hub Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65634-48AXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C65634-48AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C65634-48AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C65634-48AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C65634-48AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C65634-48AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C65634-48AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C65634-48AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C65634-48AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C65634-48AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CY7C65632, CY7C65634
Document Number: 001-67568 Rev. *F
Page 3 of 25
Introduction
HX2VL™ is Cypress’s next generation family of high
performance, very low power USB 2.0 hub controllers. HX2VL
has integrated upstream and downstream transceivers; a USB
Serial Interface Engine (SIE); USB Hub Control and Repeater
logic; and Transaction Translator (TT) logic. Cypress has also
integrated external components such as voltage regulator and
pull-up/pull-down resistors, reducing the overall bill of materials
required to implement a USB hub system.
The CY7C6563X is a part of the HX2VL portfolio. This device
option is for ultra low power but high performance applications
that require up to four downstream ports. All downstream ports
share a single transaction translator. The CY7C6563X is
available in 48-pin TQFP and 28-pin QFN package options.
All device options are supported by Cypress’s world class
reference design kits, which include board schematics, bill of
materials, Gerber files, Orcad files, and thorough design
documentation.
HX2VL Architecture
The Block Diagram – CY7C6563X on page 1 shows the HX2VL
single TT hub architecture.
USB Serial Interface Engine
The Serial Interface Engine (SIE) allows HX2VL to communicate
with the USB host. The SIE handles the following USB activities
independently of the Hub Control Block.
Bit stuffing and unstuffing
Checksum generation and checking
TOKEN type identification
Address checking
HS USB Control Logic
‘Hub Control’ block co-ordinates enumeration, suspend and
resume. It generates status and control signals for host access
to the hub. It also includes the frame timer that synchronizes the
hub to the host. It has status/control registers which function as
the interface to the firmware in the MCU.
Hub Repeater
The Hub Repeater manages the connectivity between upstream
and downstream facing ports that are operating at the same
speed. It supports full and high speed connectivity. According to
the USB 2.0 specification, the HUB Repeater provides the
following functions:
Sets up and tears down connectivity on packet boundaries
Ensures orderly entry into and out of ‘Suspend’ state, including
proper handling of remote wakeups.
MCU
HX2VL has MCU with 2K ROM and 64 byte RAM. The MCU
operates with a 12 MHz clock to decode USB commands from
host and respond to the host. It can also handle GPIO settings
to provide higher flexibility to the customers and control the read
interface to the EEPROM which has extended configuration
options. The MCU is programmable while manufacturing in the
factory as per customer needs.
Transaction Translator
The Transaction Translator translates data from one speed to
another. A TT takes high speed split transactions and translates
them to full or low speed transactions when the hub is operating
at high speed (the upstream port is connected to a high speed
host controller) and has full or low speed devices attached. The
operating speed of a device attached on a downstream port
determines whether the routing logic connects a port to the TT
or to hub repeater. When the upstream host and downstream
device are functioning at different speeds, the data is routed
through the TT. In all other cases, the data is routed through the
repeater. For example, If a full or low speed device is connected
to the high speed host upstream through the hub, then the data
transfer route includes TT. If a high speed device is connected to
the high speed host upstream through the hub, the transfer route
includes the repeater. When the hub is connected to a full speed
host controller upstream, then high speed peripheral does not
operate at its full capability. These devices only work at full
speed. Full and low speed devices connected to this hub operate
at their normal speed.
Port Control
The
downstream
‘Port
Control’
block
handles
the
connect/disconnect and over current detection as well as the
power enable and LED control. It also generates the control
signals for the downstream transceivers.
Applications
Typical applications for the HX2VL device family are:
Docking stations
Standalone hubs
Monitor hubs
Multi-function printers
Digital televisions
Advanced port replicators
Keyboard hubs
Gaming consoles


Similar Part No. - CY7C65634-48AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65630 CYPRESS-CY7C65630 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C65630 CYPRESS-CY7C65630 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C65630 CYPRESS-CY7C65630 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65630-56LFXA CYPRESS-CY7C65630-56LFXA Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C65630-56LFXA CYPRESS-CY7C65630-56LFXA Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
More results

Similar Description - CY7C65634-48AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65642_1107 CYPRESS-CY7C65642_1107 Datasheet
410Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub Controller
CY7C65642 CYPRESS-CY7C65642 Datasheet
556Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub Controller
CY7C65642 CYPRESS-CY7C65642_12 Datasheet
451Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub??Controller
CY7C65632 CYPRESS-CY7C65632 Datasheet
520Kb / 20P
   HX2VL Very Low Power USB 2.0 Hub Controller Up to four downstream ports support
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
GENESYS LOGIC
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
   USB 2.0 HUB Controller
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com