Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29466-12PVXE Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C29466-12PVXE
Description  Automotive . Extended Temperature PSoC짰 Programmable System-on-Chip
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29466-12PVXE Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C29466-12PVXE Datasheet HTML 1Page - Cypress Semiconductor CY8C29466-12PVXE Datasheet HTML 2Page - Cypress Semiconductor CY8C29466-12PVXE Datasheet HTML 3Page - Cypress Semiconductor CY8C29466-12PVXE Datasheet HTML 4Page - Cypress Semiconductor CY8C29466-12PVXE Datasheet HTML 5Page - Cypress Semiconductor CY8C29466-12PVXE Datasheet HTML 6Page - Cypress Semiconductor CY8C29466-12PVXE Datasheet HTML 7Page - Cypress Semiconductor CY8C29466-12PVXE Datasheet HTML 8Page - Cypress Semiconductor CY8C29466-12PVXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
CY8C29466, CY8C29666
Automotive – Extended Temperature
PSoC® Programmable System-on-Chip
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-12026 Rev. *M
Revised August 28, 2012
Features
AEC qualified
Powerful Harvard-Architecture processor
M8C processor speeds up to 12 MHz
Two 8 × 8 multiply, 32-bit accumulate
Low power at high speed
Operating voltage: 4.75 V to 5.25 V
Extended temperature range: –40 °C to +125 °C
Advanced peripherals (PSoC
® blocks)
12 Rail-to-Rail analog PSoC blocks provide:
• Up to 14-Bit analog-to-digital converters (ADCs)
• Up to 9-Bit digital-to-analog converters (DACs)
• Programmable gain amplifiers (PGA)
• Programmable filters and comparators
16 digital PSoC blocks provide:
• 8- to 32-bit timers and counters, 8- and 16-bit pulse-width
modulators (PWMs)
• CRC and PRS modules
• Up to four full-duplex or eight half-duplex UARTs
• Multiple SPI masters or slaves
• Connectable to all general purpose I/O (GPIO) pins
Complex peripherals by combining blocks
Precision, programmable clocking
Internal ±4% 24 MHz oscillator
High accuracy 24 MHz with optional 32.768 kHz crystal
and phase locked loop (PLL)
Optional external oscillator, up to 24 MHz
Internal low speed, low power oscillator for Watchdog and
Sleep functionality
Flexible on-chip memory
32K bytes flash program storage,
100 erase/write cycles
2K bytes SRAM data storage
In-system serial programming (ISSP)
Partial flash updates
Flexible protection modes
EEPROM emulation in flash
Programmable pin configurations
25 mA sink, 10 mA drive on all GPIOs
Pull up, pull down, high Z, strong, or open drain drive modes
on all GPIO
Up to 12 analog inputs on GPIO
[1]
Four 30 mA analog outputs on GPIO
Configurable interrupt on all GPIOs
Additional system resources
I
2C™ master, slave, or multi-master operation up to 400 kHz
Watchdog and sleep timers
User-configurable low voltage detection (LVD)
Integrated supervisory circuit
On-chip precision voltage reference
Complete development tools
Free development software (PSoC Designer™)
Full featured in-circuit emulator (ICE) and
programmer
Full speed emulation
Complex breakpoint structure
128 K bytes trace memory
Complex events
C Compilers, assembler, and linker
Logic Block Diagram
DIGITAL SYSTEM
SRAM
2K
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
(Includes IMO, ILO, PLL, and ECO)
Global Digital Interconnect
Global Analog Interconnect
PSoC
CORE
CPU Core (M8C)
SROM
Flash 32K
Digital
Block Array
Two
Multiply
Accums.
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
Decimator
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Block Array
Analog
Ref.
Analog
Input
Muxing
I C
2
Port 5 Port 4 Port 3 Port 2 Port 1 Port 0
Analog
Drivers
SYSTEM BUS
Note
1. There are eight standard analog inputs on the GPIO. The other four analog inputs connect from the GPIO directly to specific switched-capacitor block inputs. See the
PSoC Technical Reference Manual for more details


Similar Part No. - CY8C29466-12PVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29466-12PVXE CYPRESS-CY8C29466-12PVXE Datasheet
714Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C29466-12PVXET CYPRESS-CY8C29466-12PVXET Datasheet
714Kb / 33P
   PSoC짰 Mixed-Signal Array
More results

Similar Description - CY8C29466-12PVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29666-12PVXET CYPRESS-CY8C29666-12PVXET Datasheet
1Mb / 35P
   Automotive ??Extended Temperature PSoC짰 Programmable System-on-Chip
CY8C21334 CYPRESS-CY8C21334_13 Datasheet
521Kb / 38P
   Automotive ??Extended Temperature PSoC짰 Programmable System-on-Chip?
CY8C21334 CYPRESS-CY8C21334_11 Datasheet
980Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21345 CYPRESS-CY8C21345_12 Datasheet
878Kb / 47P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234_10 Datasheet
536Kb / 23P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C21345AUTO CYPRESS-CY8C21345AUTO Datasheet
935Kb / 36P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21312 CYPRESS-CY8C21312 Datasheet
958Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C24223A CYPRESS-CY8C24223A_13 Datasheet
714Kb / 50P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com