Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C680363-56LTXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C680363-56LTXC
Description  EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C680363-56LTXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C680363-56LTXC Datasheet HTML 1Page - Cypress Semiconductor CY7C680363-56LTXC Datasheet HTML 2Page - Cypress Semiconductor CY7C680363-56LTXC Datasheet HTML 3Page - Cypress Semiconductor CY7C680363-56LTXC Datasheet HTML 4Page - Cypress Semiconductor CY7C680363-56LTXC Datasheet HTML 5Page - Cypress Semiconductor CY7C680363-56LTXC Datasheet HTML 6Page - Cypress Semiconductor CY7C680363-56LTXC Datasheet HTML 7Page - Cypress Semiconductor CY7C680363-56LTXC Datasheet HTML 8Page - Cypress Semiconductor CY7C680363-56LTXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
CY7C68033/CY7C68034
Document Number: 001-04247 Rev. *J
Page 5 of 40
8051 Clock Frequency
NX2LP-Flex has an on-chip oscillator circuit that uses an
external 24 MHz (±100 ppm) crystal with the following
characteristics:
Parallel resonant
Fundamental mode
500 W drive level
12 pF (5% tolerance) load capacitors.
An on-chip PLL multiplies the 24-MHz oscillator up to 480 MHz,
as required by the transceiver/PHY, and internal counters divide
it down for use as the 8051 clock. The default 8051 clock
frequency is 12 MHz. The clock frequency of the 8051 can be
changed by the 8051 through the CPUCS register, dynamically
Figure 3. Crystal Configuration
Special Function Registers
Certain 8051 SFR addresses are populated to provide fast
access to critical NX2LP-Flex functions. These SFR additions
are shown in Table 1 on page 6. Bold type indicates
non-standard, enhanced 8051 registers. The two SFR rows that
end with ‘0’ and ‘8’ contain bit-addressable registers. The four I/O
ports A–D use the SFR addresses used in the standard 8051 for
ports 0–3, which are not implemented in NX2LP-Flex. Because
of the faster and more efficient SFR addressing, the NX2LP-Flex
I/O ports are not addressable in external RAM space (using the
MOVX instruction).
I2C Bus
NX2LP supports the I2C bus as a master only at 100/400 kHz.
SCL and SDA pins have open-drain outputs and hysteresis
inputs. These signals must be pulled up to 3.3 V, even if no I2C
device is connected. The I2C bus is disabled at startup and only
available for use after the initial NAND access.
12 pF
12 pF
24 MHz
20 × PLL
C1
C2
12-pF capacitor values assumes a trace capacitance
of 3 pF per side on a four-layer FR4 PCA


Similar Part No. - CY7C680363-56LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68033 CYPRESS-CY7C68033 Datasheet
1Mb / 33P
   EZ-USB NX2LP-Flex??Flexible USB NAND Flash Controller
CY7C68033-56LFXC CYPRESS-CY7C68033-56LFXC Datasheet
1Mb / 33P
   EZ-USB NX2LP-Flex??Flexible USB NAND Flash Controller
CY7C68033-56LFXC CYPRESS-CY7C68033-56LFXC Datasheet
1Mb / 34P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68033-56LTXC CYPRESS-CY7C68033-56LTXC Datasheet
1Mb / 34P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_09 Datasheet
1Mb / 34P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
More results

Similar Description - CY7C680363-56LTXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68033 CYPRESS-CY7C68033 Datasheet
1Mb / 33P
   EZ-USB NX2LP-Flex??Flexible USB NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_09 Datasheet
1Mb / 34P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023 Datasheet
192Kb / 9P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
   EZ-USB NX2LP??USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_09 Datasheet
429Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_11 Datasheet
447Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller 3.3 V NAND Flash Operation
CS5954AM CYPRESS-CS5954AM Datasheet
411Kb / 44P
   USB Controller for NAND Flash
logo
ELAN Microelectronics C...
EKF5250 EMC-EKF5250 Datasheet
299Kb / 11P
   USB full speed NAND flash controller
logo
Cypress Semiconductor
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com