Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65632-48AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C65632-48AXC
Description  HX2VL??Very Low Power USB 2.0 Hub Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65632-48AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C65632-48AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C65632-48AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C65632-48AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C65632-48AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C65632-48AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C65632-48AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C65632-48AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C65632-48AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C65632-48AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CY7C65632, CY7C65634
HX2VL™ Very Low Power USB 2.0
Hub Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-67568 Rev. *F
Revised July 2, 2012
HX2VL™ Very Low Power USB 2.0 Hub Controller
Features
High performance, low-power USB 2.0 Hub, optimized for low
cost designs with minimum Bill-of-material
USB 2.0 hub controller
Compliant with USB 2.0 specification
Up to four downstream ports support
Downstream ports are backward compatible with FS, LS
Single transaction translator (TT) for low cost
Very low power consumption
Supports bus-powered and self-powered modes
Auto switching between bus-powered and self-powered
Single MCU with 2K ROM and 64 byte RAM
Lowest power consumption
Highly integrated solution for reduced BOM cost
Internal regulator – single power supply 5 V required
Provision of connecting 3.3 V with external regulator
Integrated upstream pull-up resistor
Integrated pull-down resistors for all downstream ports
Integrated upstream/downstream termination resistors
Integrated port status indicator control
12 MHz +/– 500 ppm external crystal with drive level 600 µW
(integrated PLL) clock input with optional 27/48 MHz
oscillator clock input
Internal power failure detection for ESD recovery
Downstream port management
Support individual and ganged mode power management
Overcurrent detection
Two port status indicators per downstream port
Slew rate control for EMI management
Maximum configurability
VID and PID are configurable through external EEPROM
Number of ports, removable/non-removable ports are
configurable through EEPROM and I/O pin configuration
I/O pins can configure gang/individual mode power
switching, reference clock source and polarity of power
switch enable pin
Configuration options also available through mask ROM
Available in space saving 48-pin (7 × 7 mm) TQFP and 28-pin
(5 × 5 mm) QFN packages
Supports 0 °C to 70 °C temperature range
D+
D-
3.3V i/p (with ext. reg. & 28 QFN)
NC (with ext. reg. & 48 TQFP)
3.3V o/p (for int. reg.)
Hub Repeater
Routing Logic
USB Downstream Port 1
USB 2.0
PHY
Port
Control
USB Downstream Port 2
USB 2.0
PHY
Port
Control
USB Downstream Port 3
USB 2.0
PHY
Port
Control
USB Downstream Port 4
USB 2.0
PHY
Port
Control
MCU
RAM
ROM
USB Upstream Port
USB 2.0 PHY
PLL
D+ D-
LED
D+ D-
LED
D+ D-
LED
D+ D-
LED
I2C /
SPI
12/27/48
MHz
OSC-in
OR 12
MHz
Crystal
Transaction Translator
Regulator
1.8V
Serial
Interface
Engine
HS USB
Control Logic
3.3V
5V i/p (for internal regulator)
NC (for external regulator)
For two port version, USB Downstream
ports 3 and 4 are to be No connect from
the Chip I/O perspective.
Block Diagram – CY7C6563X


Similar Part No. - CY7C65632-48AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65632-48AXC CYPRESS-CY7C65632-48AXC Datasheet
520Kb / 20P
   HX2VL Very Low Power USB 2.0 Hub Controller Up to four downstream ports support
More results

Similar Description - CY7C65632-48AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65642_1107 CYPRESS-CY7C65642_1107 Datasheet
410Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub Controller
CY7C65642 CYPRESS-CY7C65642 Datasheet
556Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub Controller
CY7C65642 CYPRESS-CY7C65642_12 Datasheet
451Kb / 21P
   HX2VL ??Very Low Power USB 2.0 TetraHub??Controller
CY7C65632 CYPRESS-CY7C65632 Datasheet
520Kb / 20P
   HX2VL Very Low Power USB 2.0 Hub Controller Up to four downstream ports support
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
GENESYS LOGIC
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
   USB 2.0 HUB Controller
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com