Electronic Components Datasheet Search |
|
CY7C1372DV25-167AXC Datasheet(PDF) 8 Page - Cypress Semiconductor |
|
CY7C1372DV25-167AXC Datasheet(HTML) 8 Page - Cypress Semiconductor |
8 / 30 page CY7C1370DV25 CY7C1372DV25 Document Number: 38-05558 Rev. *K Page 8 of 30 CY7C1372DV25) (or a subset for byte write operations, see Write Cycle Description table for details) inputs is latched into the device and the write is complete. The data written during the write operation is controlled by BW (BWa,b,c,d for CY7C1370DV25 and BWa,b for CY7C1372DV25) signals. The CY7C1370DV25/CY7C1372DV25 provides byte write capability that is described in the Write Cycle Description table. Asserting the write enable input (WE) with the selected byte write select (BW) input will selectively write to only the desired bytes. Bytes not selected during a byte write operation will remain unaltered. A synchronous self-timed write mechanism has been provided to simplify the write operations. Byte write capability has been included in order to greatly simplify read/modify/write sequences, which can be reduced to simple byte write operations. Because the CY7C1370DV25 and CY7C1372DV25 are common I/O devices, data should not be driven into the device while the outputs are active. The output enable (OE) can be deasserted HIGH before presenting data to the DQ and DQP (DQa,b,c,d/DQPa,b,c,d for CY7C1370DV25 and DQa,b/DQPa,b for CY7C1372DV25) inputs. Doing so will three-state the output drivers. As a safety precaution, DQ and DQP (DQa,b,c,d/DQPa,b,c,d for CY7C1370DV25 and DQa,b/DQPa,b for CY7C1372DV25) are automatically three-stated during the data portion of a write cycle, regardless of the state of OE. Burst Write Accesses The CY7C1370DV25/CY7C1372DV25 has an on-chip burst counter that allows the user the ability to supply a single address and conduct up to four write operations without reasserting the address inputs. ADV/LD must be driven LOW in order to load the initial address, as described in Single Write Accesses on page 7. When ADV/LD is driven HIGH on the subsequent clock rise, the chip enables (CE1, CE2, and CE3) and WE inputs are ignored and the burst counter is incremented. The correct BW (BWa,b,c,d for CY7C1370DV25 and BWa,b for CY7C1372DV25) inputs must be driven in each cycle of the burst write in order to write the correct bytes of data. Sleep Mode The ZZ input pin is an asynchronous input. Asserting ZZ places the SRAM in a power conservation “sleep” mode. Two clock cycles are required to enter into or exit from this “sleep” mode. While in this mode, data integrity is guaranteed. Accesses pending when entering the “sleep” mode are not considered valid nor is the completion of the operation guaranteed. The device must be deselected prior to entering the “sleep” mode. CE1, CE2, and CE3, must remain inactive for the duration of tZZREC after the ZZ input returns LOW. Interleaved Burst Address Table (MODE = Floating or VDD) First Address A1:A0 Second Address A1:A0 Third Address A1:A0 Fourth Address A1:A0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 Linear Burst Address Table (MODE = GND) First Address A1:A0 Second Address A1:A0 Third Address A1:A0 Fourth Address A1:A0 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 ZZ Mode Electrical Characteristics Parameter Description Test Conditions Min Max Unit IDDZZ Sleep mode standby current ZZ VDD 0.2 V – 80 mA tZZS Device operation to ZZ ZZ VDD 0.2 V – 2tCYC ns tZZREC ZZ recovery time ZZ 0.2 V 2tCYC –ns tZZI ZZ active to sleep current This parameter is sampled – 2tCYC ns tRZZI ZZ Inactive to exit sleep current This parameter is sampled 0 – ns |
Similar Part No. - CY7C1372DV25-167AXC |
|
Similar Description - CY7C1372DV25-167AXC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |