Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1363C-133AJXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1363C-133AJXC
Description  9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1363C-133AJXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1363C-133AJXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1363C-133AJXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1363C-133AJXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1363C-133AJXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1363C-133AJXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1363C-133AJXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1363C-133AJXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1363C-133AJXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1363C-133AJXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CY7C1361C, CY7C1363C
Document Number: 38-05541 Rev. *M
Page 2 of 34
Logic Block Diagram – CY7C1361C
ADDRESS
REGISTER
BURST
COUNTER
AND LOGIC
CLR
Q1
Q0
ENABLE
REGISTER
SENSE
AMPS
OUTPUT
BUFFERS
INPUT
REGISTERS
MEMORY
ARRAY
MODE
A [1:0]
ZZ
DQ s
DQP A
DQP B
DQP C
DQP D
A 0, A1, A
ADV
CLK
ADSP
ADSC
BW D
BW C
BW B
BW A
BWE
CE1
CE2
CE3
OE
GW
SLEEP
CONTROL
DQ A,
DQPA
BYTE
WRITE REGISTER
DQ B,
DQP B
BYTE
WRITE REGISTER
DQ C,
DQP C
BYTE
WRITE REGISTER
BYTE
WRITE REGISTER
DQ D,
DQP D
BYTE
WRITE REGISTER
DQ D,
DQP D
BYTE
WRITE REGISTER
DQ C,
DQP C
BYTE
WRITE REGISTER
DQ B,
DQP B
BYTE
WRITE REGISTER
DQ A,
DQP A
BYTE
WRITE REGISTER
Logic Block Diagram – CY7C1363C
ADDRESS
REGISTER
ADV
CLK
BURST
COUNTER AND
LOGIC
CLR
Q1
Q0
ADSC
CE1
OE
SENSE
AMPS
MEMORY
ARRAY
ADSP
OUTPUT
BUFFERS
INPUT
REGISTERS
MODE
CE2
CE3
GW
BWE
A0,A1,A
BW B
BW A
DQ B,DQP B
WRITE REGISTER
DQ A,DQP A
WRITE REGISTER
ENABLE
REGISTER
A[1:0]
DQs
DQP A
DQP B
DQ B,DQP B
WRITE DRIVER
DQ A,DQP A
WRITE DRIVER
SLEEP
CONTROL
ZZ


Similar Part No. - CY7C1363C-133AJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363C-133AJXC CYPRESS-CY7C1363C-133AJXC Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-133AJXC CYPRESS-CY7C1363C-133AJXC Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-133AJXC CYPRESS-CY7C1363C-133AJXC Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-133AJXC CYPRESS-CY7C1363C-133AJXC Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results

Similar Description - CY7C1363C-133AJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1381D CYPRESS-CY7C1381D_11 Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_11 Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1385D CYPRESS-CY7C1385D Datasheet
775Kb / 22P
   18-Mbit (512 K 횞 32) Flow-Through SRAM
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
CY7C1325H CYPRESS-CY7C1325H Datasheet
731Kb / 21P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_12 Datasheet
753Kb / 22P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com