Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXA2561Q Datasheet(PDF) 3 Page - Sony Corporation

Part No. CXA2561Q
Description  Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2561Q Datasheet(HTML) 3 Page - Sony Corporation

  CXA2561Q Datasheet HTML 1Page - Sony Corporation CXA2561Q Datasheet HTML 2Page - Sony Corporation CXA2561Q Datasheet HTML 3Page - Sony Corporation CXA2561Q Datasheet HTML 4Page - Sony Corporation CXA2561Q Datasheet HTML 5Page - Sony Corporation CXA2561Q Datasheet HTML 6Page - Sony Corporation CXA2561Q Datasheet HTML 7Page - Sony Corporation CXA2561Q Datasheet HTML 8Page - Sony Corporation CXA2561Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
– 3 –
CXA2561Q
Pin Description
(Ta = 25°C, VCC = 8.0V, DVCC = 5.0V)
Pin
No.
Symbol
Typical pin voltage
I/O
I/O
resis-
tance
Equivalent circuit
Description
DC
AC
1
30
PBTC1
PBTC2
——
Playback equalizer
amplifier
capacitance.
4.0V
30
1
GND
Vcc
147
2
29
PBOUT1
PBOUT2
O
Playback equalizer
amplifier output.
4.0V
–25dBm
2
29
GND
200
200
Vcc
147
2p
300k
40
31
3
28
OUTREF1
OUTREF2
O
Output reference.
(Vcc/2 output)
4.0V
3
28
GND
200
Vcc
200
4
27
TAPEIN1
TAPEIN2
I
100k
TAPE input.
4.0V
–30dBm
4
GND
147
Vcc
100k
27
30p
VGS
Vcc
8.0V
5
Power supply.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn