Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1361C-133AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1361C-133AXC
Description  9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1361C-133AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1361C-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1361C-133AXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CY7C1361C, CY7C1363C
Document Number: 38-05541 Rev. *M
Page 9 of 34
Single Write Accesses Initiated by ADSC
This write access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, and CE3[4] are all asserted
active, (2) ADSC is asserted LOW, (3) ADSP is deasserted
HIGH, and (4) the write input signals (GW, BWE, and BWX)
indicate a write access. ADSC is ignored if ADSP is active LOW.
The addresses presented are loaded into the address register
and the burst counter/control logic and delivered to the memory
core. The information presented to DQ[A:D] is written into the
specified address location. Byte writes are allowed. All I/Os are
tristated when a write is detected, even a byte write. Since this
is a common I/O device, the asynchronous OE input signal must
be deasserted and the I/Os must be tristated prior to the
presentation of data to DQs. As a safety precaution, the data
lines are tristated once a write cycle is detected, regardless of
the state of OE.
Burst Sequences
The CY7C1361C/CY7C1363C provides an on-chip two-bit
wraparound burst counter inside the SRAM. The burst counter is
fed by A[1:0], and can follow either a linear or interleaved burst
order. The burst order is determined by the state of the MODE
input. A LOW on MODE will select a linear burst sequence. A
HIGH on MODE selects an interleaved burst order. Leaving
MODE unconnected causes the device to default to a interleaved
burst sequence.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation ‘sleep’ mode. Two clock
cycles are required to enter into or exit from this ‘sleep’ mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the ‘sleep’ mode are not considered valid
nor is the completion of the operation guaranteed. The device
must be deselected prior to entering the ‘sleep’ mode. CE1, CE2,
CE3[4], ADSP, and ADSC must remain inactive for the duration
of tZZREC after the ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD– 0.2 V
Commercial/Industrial
50
mA
Automotive
60
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2 V
2tCYC
–ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current This parameter is sampled
0
ns
Note
4. CE3 is for A version of 100-pin TQFP (3 Chip Enable Option). 119-ball BGA is offered only in 2 Chip Enable.


Similar Part No. - CY7C1361C-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AXC CYPRESS-CY7C1361C-133AXC Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results

Similar Description - CY7C1361C-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1381D CYPRESS-CY7C1381D_11 Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_11 Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1385D CYPRESS-CY7C1385D Datasheet
775Kb / 22P
   18-Mbit (512 K 횞 32) Flow-Through SRAM
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
CY7C1325H CYPRESS-CY7C1325H Datasheet
731Kb / 21P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_12 Datasheet
753Kb / 22P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com