Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1354CV25-200AXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1354CV25-200AXC
Description  9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1354CV25-200AXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1354CV25-200AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1354CV25-200AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1354CV25-200AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1354CV25-200AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1354CV25-200AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1354CV25-200AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1354CV25-200AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1354CV25-200AXC Datasheet HTML 14Page - Cypress Semiconductor CY7C1354CV25-200AXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
CY7C1354CV25
CY7C1356CV25
Document Number: 38-05537 Rev. *M
Page 11 of 33
Partial Truth Table for Read/Write
The partial truth table for Read/Write for CY7C1354CV25 follows. [9, 10, 11, 12]
Function (CY7C1354CV25)
WE
BWd
BWc
BWb
BWa
Read
H
X
X
X
X
Write
– no bytes written
L
H
H
H
H
Write byte a–
(DQa and DQPa)L
H
H
H
L
Write byte b – (DQb and DQPb)L
H
H
L
H
Write bytes b, a
L
H
H
L
L
Write byte c –
(DQc and DQPc)L
H
L
H
H
Write bytes c, a
L
H
L
H
L
Write bytes c, b
L
H
L
L
H
Write bytes c, b, a
L
H
L
L
L
Write byte d –
(DQd and DQPd)L
L
H
H
H
Write bytes d, a
L
L
H
H
L
Write bytes d, b
L
L
H
L
H
Write bytes d, b, a
L
L
H
L
L
Write bytes d, c
L
L
L
H
H
Write bytes d, c, a
L
L
L
H
L
Write bytes d, c, b
L
L
L
L
H
Write all bytes
LLL
LL
Partial Truth Table for Read/Write
The partial truth table for Read/Write for CY7C1356CV25 follows. [9, 10, 11, 12]
Function (CY7C1356CV25)
WE
BWb
BWa
Read
H
x
x
Write – no bytes written
L
H
H
Write byte a
(DQa and DQPa)L
H
L
Write byte b – (DQb and DQPb)L
L
H
Write both bytes
L
L
L
Notes
9. X = “Don’t Care”, H = Logic HIGH, L = Logic LOW, CE stands for all chip enables active. BWx = L signifies at least one byte write select is active, BWx = valid signifies
that the desired byte write selects are asserted, see Write Cycle Description table for details.
10. Write is defined by WE and BWX. See Write Cycle Description table for details.
11. When a write cycle is detected, all I/Os are tri-stated, even during byte writes.
12. Table only lists a partial listing of the byte write combinations. Any combination of BWX is valid. Appropriate write will be done based on which byte write is active.


Similar Part No. - CY7C1354CV25-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354CV25-200AXC CYPRESS-CY7C1354CV25-200AXC Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1354CV25-200AXC CYPRESS-CY7C1354CV25-200AXC Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1354CV25-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354C CYPRESS-CY7C1354C_11 Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1372D CYPRESS-CY7C1372D_12 Datasheet
968Kb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com