Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1354CV25-166BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1354CV25-166BZC
Description  9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1354CV25-166BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1354CV25-166BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1354CV25-166BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1354CV25-166BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1354CV25-166BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1354CV25-166BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1354CV25-166BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1354CV25-166BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1354CV25-166BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1354CV25-166BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
CY7C1354CV25
CY7C1356CV25
Document Number: 38-05537 Rev. *M
Page 8 of 33
Functional Overview
The
CY7C1354CV25/CY7C1356CV25
are
synchronous-pipelined burst NoBL SRAMs designed specifically
to eliminate wait states during write/read transitions. All
synchronous inputs pass through input registers controlled by
the rising edge of the clock. The clock signal is qualified with the
clock enable input signal (CEN). If CEN is HIGH, the clock signal
is not recognized and all internal states are maintained. All
synchronous operations are qualified with CEN. All data outputs
pass through output registers controlled by the rising edge of the
clock. Maximum access delay from the clock rise (tCO) is 2.8 ns
(250-MHz device).
Accesses can be initiated by asserting all three chip enables
(CE1, CE2, CE3) active at the rising edge of the clock. If clock
enable (CEN) is active LOW and ADV/LD is asserted LOW, the
address presented to the device will be latched. The access can
either be a read or write operation, depending on the status of
the write enable (WE). BW[d:a] can be used to conduct byte write
operations.
Write operations are qualified by the write enable (WE). All writes
are simplified with on-chip synchronous self-timed write circuitry.
Three synchronous chip enables (CE1, CE2, CE3) and an
asynchronous output enable (OE) simplify depth expansion. All
operations (reads, writes, and deselects) are pipelined. ADV/LD
should be driven LOW once the device has been deselected in
order to load a new address for the next operation.
Single Read Accesses
A read access is initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, (3) the write enable input signal
WE is deasserted HIGH, and (4) ADV/LD is asserted LOW. The
address presented to the address inputs is latched into the
address register and presented to the memory core and control
logic. The control logic determines that a read access is in
progress and allows the requested data to propagate to the input
of the output register. At the rising edge of the next clock the
requested data is allowed to propagate through the output
register and onto the data bus within 2.8 ns (250-MHz device)
provided OE is active LOW. After the first clock of the read
access the output buffers are controlled by OE and the internal
control logic. OE must be driven LOW in order for the device to
drive out the requested data. During the second clock, a
subsequent operation (read/write/deselect) can be initiated.
Deselecting the device is also pipelined. Therefore, when the
SRAM is deselected at clock rise by one of the chip enable
signals, its output will tri-state following the next clock rise.
Burst Read Accesses
The CY7C1354CV25/CY7C1356CV25 have an on-chip burst
counter that allows the user the ability to supply a single address
and conduct up to four reads without reasserting the address
inputs. ADV/LD must be driven LOW in order to load a new
address into the SRAM, as described in Single Read Accesses.
The sequence of the burst counter is determined by the MODE
input signal. A LOW input on MODE selects a linear burst mode,
a HIGH selects an interleaved burst sequence. Both burst
counters use A0 and A1 in the burst sequence, and will wrap
around when incremented sufficiently. A HIGH input on ADV/LD
will increment the internal burst counter regardless of the state
of chip enables inputs or WE. WE is latched at the beginning of
a burst cycle. Therefore, the type of access (read or write) is
maintained throughout the burst sequence.
Single Write Accesses
Write access are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, and (3) the write signal WE is
asserted LOW. The address presented to A0–A16 is loaded into
the address register. The write signals are latched into the
control logic block.
On the subsequent clock rise the data lines are automatically
tri-stated regardless of the state of the OE input signal. This
allows the external logic to present the data on DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1354CV25 and DQa,b/DQPa,b for
CY7C1356CV25). In addition, the address for the subsequent
access (read/write/deselect) is latched into the address register
(provided the appropriate control signals are asserted).
VDD
Power supply Power supply inputs to the core of the device.
VDDQ
I/O power
supply
Power supply for the I/O circuitry.
VSS
Ground
Ground for the device. Should be connected to ground of the system.
NC
No connects. This pin is not connected to the die.
NC/18M,
NC/36M,
NC/72M,
NC/144M,
NC/288M,
NC/576M,
NC/1G
These pins are not connected. They will be used for expansion to the 18M, 36M, 72M, 144M 288M,
576M, and 1G densities.
ZZ
Input-
asynchronous
ZZ “sleep” Input. This active HIGH input places the device in a non-time critical “sleep” condition with
data integrity preserved. For normal operation, this pin has to be LOW or left floating. ZZ pin has an
internal pull-down.
Pin Definitions (continued)
Pin Name
I/O Type
Pin Description


Similar Part No. - CY7C1354CV25-166BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354CV25-166BZC CYPRESS-CY7C1354CV25-166BZC Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1354CV25-166BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354C CYPRESS-CY7C1354C_11 Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1372D CYPRESS-CY7C1372D_12 Datasheet
968Kb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com