Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1351G-133AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1351G-133AXC
Description  4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1351G-133AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1351G-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1351G-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1351G-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1351G-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1351G-133AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1351G-133AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1351G-133AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1351G-133AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1351G-133AXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CY7C1351G
Document Number: 38-05513 Rev. *K
Page 9 of 20
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage temperature ................................ –65 °C to +150 °C
Ambient temperature with
power applied .......................................... –55 °C to +125 °C
Supply voltage on VDD relative to GND .......–0.5 V to +4.6 V
Supply voltage on VDDQ relative to GND ...... –0.5 V to +VDD
DC voltage applied to outputs
in tristate ...........................................–0.5 V to VDDQ + 0.5 V
DC input voltage ................................. –0.5 V to VDD + 0.5 V
Current into outputs (LOW) ........................................ 20 mA
Static discharge voltage
(per MIL-STD-883, method 3015) .......................... > 2001 V
Latch up current ..................................................... > 200 mA
Operating Range
Range
Ambient
Temperature (TA)
VDD
VDDQ
Commercial
0 °C to +70 °C
3.3 V – 5% /
+ 10%
2.5 V – 5% to
VDD
Electrical Characteristics
Over the Operating Range
Parameter [9, 10]
Description
Test Conditions
Min
Max
Unit
VDD
Power supply voltage
3.135
3.6
V
VDDQ
I/O supply voltage
For 3.3 V I/O
3.135
VDD
V
For 2.5 V I/O
2.375
2.625
V
VOH
Output HIGH voltage
For 3.3 V I/O, IOH = –4.0 mA
2.4
V
For 2.5 V I/O, IOH = –1.0 mA
2.0
V
VOL
Output LOW voltage
For 3.3 V I/O, IOL= 8.0 mA
0.4
V
For 2.5 V I/O, IOL= 1.0 mA
0.4
V
VIH
Input HIGH voltage
For 3.3 V I/O
2.0
VDD + 0.3
V
Input HIGH voltage
For 2.5 V I/O
1.7
VDD + 0.3
V
VIL
Input LOW voltage[9]
For 3.3 V I/O
–0.3
0.8
V
Input LOW voltage[9]
For 2.5 V I/O
–0.3
0.7
V
IX
Input leakage current except ZZ
and MODE
GND < VI < VDDQ
55
A
Input current of MODE
Input = VSS
–30
A
Input = VDD
–5
A
Input current of ZZ
Input = VSS
–5
A
Input = VDD
–30
A
IOZ
Output leakage current
GND < VI < VDDQ, output disabled
–5
5
A
IDD
VDD operating supply current
VDD = Max, IOUT = 0 mA,
f = fMAX = 1/tCYC
7.5-ns cycle,
133 MHz
–225
mA
10-ns cycle,
100 MHz
–205
mA
ISB1
Automatic CE power-down
current – TTL inputs
VDD = Max, device deselected,
VIN > VIH or VIN  VIL, f = fMAX,
inputs switching
7.5-ns cycle,
133 MHz
–90
mA
10-ns cycle,
100 MHz
–80
mA
ISB2
Automatic CE power-down
current – CMOS inputs
VDD = Max, device deselected,
VIN > VDD – 0.3 V or VIN < 0.3 V,
f = 0, inputs static
All speeds
40
mA
Notes
9. Overshoot: VIH(AC) < VDD +1.5 V (Pulse width less than tCYC/2), undershoot: VIL(AC) > –2 V (Pulse width less than tCYC/2).
10. TPower-up: Assumes a linear ramp from 0 V to VDD(min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD.


Similar Part No. - CY7C1351G-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351G-133AXC CYPRESS-CY7C1351G-133AXC Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1351G-133AXC CYPRESS-CY7C1351G-133AXC Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1351G-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351G CYPRESS-CY7C1351G_13 Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_12 Datasheet
535Kb / 18P
   4-Mbit (256 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371S CYPRESS-CY7C1371S Datasheet
898Kb / 29P
   18-Mbit (512K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
   4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1471V33 CYPRESS-CY7C1471V33_12 Datasheet
680Kb / 22P
   72-Mbit (2 M 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com