Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2560Q Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA2560Q
Description  Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2560Q Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA2560Q Datasheet HTML 3Page - Sony Corporation CXA2560Q Datasheet HTML 4Page - Sony Corporation CXA2560Q Datasheet HTML 5Page - Sony Corporation CXA2560Q Datasheet HTML 6Page - Sony Corporation CXA2560Q Datasheet HTML 7Page - Sony Corporation CXA2560Q Datasheet HTML 8Page - Sony Corporation CXA2560Q Datasheet HTML 9Page - Sony Corporation CXA2560Q Datasheet HTML 10Page - Sony Corporation CXA2560Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
– 7 –
CXA2560Q
Pin
No.
Symbol
Typical pin voltage
I/O
I/O
resist-
ance
Equivalent circuit
Description
DC
AC
35
VCT
O
Center.
(Vcc/2 output)
4.0V
35
GND
45k
Vcc
147
× 1
30k
30k
VGS
36
PBREF
O
Playback
equalizer amplifier
reference.
(Vcc/2 output)
4.0V
36
GND
200
Vcc
200
Not connected.
NC
6
9
15
22
——
(Ta = 25°C, VCC = 8.0V, DVCC = 5.0V)


Similar Part No. - CXA2560Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2566M SONY-CXA2566M Datasheet
153Kb / 12P
   Headphone Stereos
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
More results

Similar Description - CXA2560Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA1797Q SONY-CXA1797Q Datasheet
737Kb / 31P
   Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com