Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1328G-133AXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1328G-133AXI
Description  4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1328G-133AXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1328G-133AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CY7C1328G
Document Number: 38-05523 Rev. *J
Page 8 of 22
Truth Table
The Truth Table for part CY7C1328G is as follows. [1, 2, 3, 4, 5]
Operation
Address Used CE1 CE2 CE3 ZZ ADSP ADSC ADV WRITE OE CLK
DQ
Deselected cycle, power-down
None
H
X
X
L
X
L
X
X
X
L–H Tristate
Deselected cycle, power-down
None
L
L
X
L
L
X
X
X
X
L–H Tristate
Deselected cycle, power-down
None
L
X
H
L
L
X
X
X
X
L–H Tristate
Deselected cycle, power-down
None
L
L
X
L
H
L
X
X
X
L–H Tristate
Deselected cycle, power-down
None
L
X
H
L
H
L
X
X
X
L–H Tristate
ZZ mode, power-down
None
X
X
X
H
X
X
X
X
X
X
Tristate
Read cycle, begin burst
External
L
H
L
L
L
X
X
X
L
L–H
Q
Read cycle, begin burst
External
L
H
L
L
L
X
X
X
H
L–H Tristate
Write cycle, begin burst
External
L
H
L
L
H
L
X
L
X
L–H
D
Read cycle, begin burst
External
L
H
L
L
H
L
X
H
L
L–H
Q
Read cycle, begin burst
External
L
H
L
L
H
L
X
H
H
L–H Tristate
Read cycle, continue burst
Next
X
X
X
L
H
H
L
H
L
L–H
Q
Read cycle, continue burst
Next
X
X
X
L
H
H
L
H
H
L–H Tristate
Read cycle, continue burst
Next
H
X
X
L
X
H
L
H
L
L–H
Q
Read cycle, continue burst
Next
H
X
X
L
X
H
L
H
H
L–H Tristate
Write cycle, continue burst
Next
X
X
X
L
H
H
L
L
X
L–H
D
Write cycle, continue burst
Next
H
X
X
L
X
H
L
L
X
L–H
D
Read cycle, suspend burst
Current
X
X
X
L
H
H
H
H
L
L–H
Q
Read cycle, suspend burst
Current
X
X
X
L
H
H
H
H
H
L–H Tristate
Read cycle, suspend burst
Current
H
X
X
L
X
H
H
H
L
L–H
Q
Read cycle, suspend burst
Current
H
X
X
L
X
H
H
H
H
L–H Tristate
Write cycle, suspend burst
Current
X
X
X
L
H
H
H
L
X
L–H
D
Write cycle, suspend burst
Current
H
X
X
L
X
H
H
L
X
L–H
D
Notes
1. X = “Don't Care.” H = Logic HIGH, L = Logic LOW.
2. WRITE = L when any one or more byte write enable signals (BWA, BWB) and BWE = L or GW = L. WRITE = H when all byte write enable signals (BWA, BWB), BWE,
GW = H.
3. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
4. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BWX. Writes may occur only on subsequent clocks after
the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tristate. OE is a don't care
for the remainder of the write cycle.
5. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are tristate when OE is inactive
or when the device is deselected, and all data bits behave as output when OE is active (LOW).


Similar Part No. - CY7C1328G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1328G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G CYPRESS-CY7C1327G_12 Datasheet
762Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_13 Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1386S CYPRESS-CY7C1386S Datasheet
727Kb / 22P
   18-Mbit (512 K 횞 36) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1364CV33 CYPRESS-CY7C1364CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Pipelined Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1325H CYPRESS-CY7C1325H Datasheet
731Kb / 21P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com