Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R262 Datasheet(PDF) 4 Page - ON Semiconductor

Part # R262
Description  Wideband Voice Capture and Noise Reduction Solution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 Datasheet(HTML) 4 Page - ON Semiconductor

  R262 Datasheet HTML 1Page - ON Semiconductor R262 Datasheet HTML 2Page - ON Semiconductor R262 Datasheet HTML 3Page - ON Semiconductor R262 Datasheet HTML 4Page - ON Semiconductor R262 Datasheet HTML 5Page - ON Semiconductor R262 Datasheet HTML 6Page - ON Semiconductor R262 Datasheet HTML 7Page - ON Semiconductor R262 Datasheet HTML 8Page - ON Semiconductor R262 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
BelaSigna R262
http://onsemi.com
4
Table 2. ELECTRICAL CHARACTERISTICS (The typical parameters in Table 2 were measured at 20°C with a clean
3.3 V supply voltage (unless noted differently). Parameters marked as screened are tested on each chip. Other parameters are qualified
for all process corners but not tested on every part.)
Parameter
Symbol
Test Conditions / Notes
Min
Typ
Max
Unit
Screened
DIGITAL MICROPHONE OUTPUT
DMIC input clock frequency
With preset 0 selected on
CLOCK_SEL (Note 3)
2.048
MHz
With preset 3 selected on
CLOCK_SEL (Note 3)
2.4
MHz
With preset 4 selected on
CLOCK_SEL (Note 3)
2.8
MHz
With preset 5 selected on
CLOCK_SEL (Note 3)
3.072
MHz
Clock duty cycle
Any clock configuration
40
50
60
%
Input clock jitter
Maximum allowed jitter on the
DMIC_CLK
10
ns
Clock to output transition time
DMIC_OUT
10
20
50
ns
ANALOG OUTPUT STAGE
Signal Range
Vout
One single ended DAC used
0
2
Vpp
Two DACs used as one
differential output
0
4
Vpp
Attenuator gain tolerance
−2
2
dB
Output impedance
Rout
@ 12 dB output attenuation
19
kW
l
@ 0 dB output attenuation
3
kW
Channel cross coupling
@ 1 kHz
−50
dB
Analog Filter cut−off frequency
LPF Enabled (default)
13.0
13.5
kHz
LPF Disabled
25
26
kHz
Analog Filter passband flatness
−1
1
dB
Analog filter stopband
attenuation
> 60 kHz
90
dB
Digital Filter cut−off frequency
Fs/2
kHz
Digital Filter cut−off stopband
attenuation
80
dB
Total Harmonic Distortion +
Noise (Peak value)
THDN
63
65
dB
l
Dynamic Range
DR
78
80
dB
l
Noise Floor
70
100
mV
l
DIRECT DIGITAL OUTPUT (available only through custom configuration)
Supply voltage
VBATRCVR
1.8
3.3
3.63
V
Signal Range
Vout
Differential Output @ 1 kHz
0
2*VBAT
RCVR
Vpp
Single ended Output @ 1 kHz
0
VBAT
RCVR
Vpp
Output Impedance
Rout
Load between
1 mA and 30 mA @ 0°C
2.5
10
W
Maximum Current
25
mA
Total Harmonic Distortion +
Noise (Peak value)
THDN
64
70
dB
l
3. Many other clock frequencies are available through custom configuration of the internal PLL and clocking subsystem. See later in this
document and in the BelaSigna R262 Communications and Configuration Guide for more information on custom mode usage.


Similar Part No. - R262

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R26231BGL OKAYA-R26231BGL Datasheet
84Kb / 1P
   SURGE PROTECTIVE DEVICES
R26242BGL OKAYA-R26242BGL Datasheet
84Kb / 1P
   SURGE PROTECTIVE DEVICES
R26251BGL OKAYA-R26251BGL Datasheet
84Kb / 1P
   SURGE PROTECTIVE DEVICES
More results

Similar Description - R262

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R261 ONSEMI-R261 Datasheet
236Kb / 28P
   Advanced Noise Reduction Solution for Voice Capture Devices
November, 2010 ??Rev. P2
BR261W30A101E1G ONSEMI-BR261W30A101E1G Datasheet
265Kb / 31P
   Advanced Noise Reduction Solution for Voice Capture Devices
November, 2012 ??Rev. 2
BR262 ONSEMI-BR262_12 Datasheet
230Kb / 24P
   Wideband Voice Capture
November, 2012 ??Rev. 2
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
   Noise Reduction Processor
logo
ON Semiconductor
BR281Q32A101V1G ONSEMI-BR281Q32A101V1G Datasheet
294Kb / 11P
   Always-Listening, Voice Trigger Solution
August, 2015 ??Rev. 0
R281 ONSEMI-R281_16 Datasheet
368Kb / 13P
   Always-Listening, Voice Trigger Solution
September, 2016 ??Rev. 1
R281 ONSEMI-R281 Datasheet
265Kb / 11P
   Always-Listening, Voice Trigger Solution
March, 2018 ??Rev. 4
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
   Pop noise reduction function
logo
Fairchild Semiconductor
AN4148 FAIRCHILD-AN4148 Datasheet
220Kb / 5P
   Audible Noise Reduction Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com