Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWS124.5Q48NHL2C Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # UWS124.5Q48NHL2C
Description  Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UWS124.5Q48NHL2C Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

Back Button UWS124.5Q48NHL2C Datasheet HTML 4Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 5Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 6Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 7Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 8Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 9Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 10Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 11Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 12Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.murata-ps.com/support
UWS Series
Sixteenth-brick DOSA-Compatible,
Wide Input Isolated DC/DC Converters
MDC_UWS Series.B02 Page 8 of 25
OUTPUT
Conditions
Minimum
Typical/Nominal
Maximum
Units
Total Output Power
See Derating
0.0
50
50.63
W
Voltage
Nominal Output Voltage
No trim
4.938
5
5.063
Vdc
Setting Accuracy
At 50% load
-1.25
1.25
% of Vset
Output Voltage Range
User-adjustable
-20
10
Overvoltage Protection
Via magnetic feedback
6.2
6.4
6.6
Vdc
Current
Output Current Range
Vin=18V to 36V
0
8
Output Current Range
Vin=36V to 75V
0
10
A
Minimum Load
No minimum load
Current Limit Inception
98% of Vnom., cold condition
11
13
15.5
A
Short Circuit
Short Circuit Current
Hiccup technique, autorecovery within
±1% of Vout
0.6
A
Short Circuit Duration (remove short for
recovery)
Output shorted to ground, no damage
Continuous
Short circuit protection method
Current limiting
Regulation
Line Regulation
Vin=min. to max., Vout=nom., nom load
±0.125
V
Load Regulation
Iout=min. to max
±0.125
V
Ripple and Noise
With a 1uF || 10 uF output caps.
90
130
mV pk-pk
With a 1uF || 100uF output caps
65
mV pk-pk
Temperature Coefficient
At all outputs
0.02
% of Vout./°C
Remote Sense Compensation 18
Sense connected at load
10
% of Vout
Maximum Capacitive Loading (10% ceramic,
90% Oscon)
Low ESR
0
5000
μF
MECHANICAL
Outline Dimensions
Cxx case
1.31x0.91x0.36
Inches
(Please refer to outline drawing)
LxWxH
33.27x23.1x9.14
mm
Weight
0.48
Ounces
13.6
Grams
Through Hole Pin Diameter
Diameter of pins standard
.04 & .062
Inches
1.016 & 1.575
mm
Through Hole Pin Material
Gold-plated copper
alloy with nickel
underplate
TH Pin Plating Metal and Thickness
Nickel subplate
50
μ-inches
Gold overplate
5
μ-inches
EMI/RFI Shielding
none
ENVIRONMENTAL
Operating Ambient Temperature Range
See derating curves
-40
85
°C
Storage Temperature
Vin = Zero (no power)
-55
125
°C
Operating Case Temp
No derating required
-40
105
°C
Thermal Protection/Shutdown
Measured at hotspot
115
125
130
°C
Electromagnetic Interference
External filter is required
Conducted, EN55022/CISPR22
B
Class
Radiated, EN55022/CISPR22
B
Class
RoHS rating
RoHS-6
FUNCTIONAL SPECIFICATIONS, UWS-5/10-Q48 (CONT.)
19


Similar Part No. - UWS124.5Q48NHL2C

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWS1A101MCL1GS NICHICON-UWS1A101MCL1GS Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A221MCL NICHICON-UWS1A221MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A331MCL NICHICON-UWS1A331MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A471MCL NICHICON-UWS1A471MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A681MCL NICHICON-UWS1A681MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWS124.5Q48NHL2C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
logo
Murata Manufacturing Co...
ULS MURATA-ULS Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
IRS MURATA-PS-IRS Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible
logo
Murata Manufacturing Co...
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com