Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWS124.5Q48NHL2C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # UWS124.5Q48NHL2C
Description  Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UWS124.5Q48NHL2C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  UWS124.5Q48NHL2C Datasheet HTML 1Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 2Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 3Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 4Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 5Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 6Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 7Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 8Page - Murata Power Solutions Inc. UWS124.5Q48NHL2C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.murata-ps.com/support
UWS Series
Sixteenth-brick DOSA-Compatible,
Wide Input Isolated DC/DC Converters
MDC_UWS Series.B02 Page 4 of 25
OUTPUT
Conditions
Minimum
Typical/Nominal
Maximum
Units
Total Output Power
See Derating
0.0
49.5
50
W
Voltage
Nominal Output Voltage
No trim
3.267
3.3
3.333
Vdc
Setting Accuracy
At 50% load
±1
% of Vnom.
Output Voltage Range
User-adjustable
-10
10
% of Vnom.
Overvoltage Protection
Via magnetic feedback
4
4.3
4.9
Vdc
Current
Output Current Range
Vin=18V-36V
0.0
13.0
A
Output Current Range
Vin=36V-75V
0.0
15.0
A
Minimum Load
No minimum load
Current Limit Inception
98% of Vnom., after warmup
18.4
21.9
25.4
A
Short Circuit
Short Circuit Current
Hiccup technique, autorecovery within ±1.25%
of Vout
0.6
A
Short Circuit Duration (remove short for
recovery)
Output shorted to ground, no damage
Continuous
Short circuit protection method
Current limiting
Regulation
Line Regulation
Vin=min. to max., Vout=nom., full load
±0.15
%
Load Regulation
Iout=min. to max., Vin=48V
±0.3
%
Ripple and Noise
With a 1uF || 10uF output caps
90
125
mV pk-pk
With a 1uF || 100uF output caps
60
mV pk-pk
Temperature Coefficient
At all outputs
±0.02
% of Vnom./°C
Remote Sense Compensation 18
Sense connected at load
10
% of Vout
Maximum Capacitive Load
Constant resistance mode , low ESR
0
10,000
μF
MECHANICAL
Outline Dimensions
Cxx case
1.31x0.91x0.36
Inches
(Please refer to outline drawing)
LxWxH
33.27x23.1x9.14
mm
Weight
0.48
Ounces
13.6
Grams
Through Hole Pin Diameter
0.04 & 0.062
Inches
1.016 & 1.575
mm
Through Hole Pin Material
Copper alloy
TH Pin Plating Metal and Thickness
Nickel subplate
50
μ-inches
Gold overplate
5
μ-inches
EMI/RFI Shielding
None
ENVIRONMENTAL
Operating Ambient Temperature Range
See derating, full power, natural convection
-40
85
°C
Operating Case Temperature Range
No derating, full power, natural convection
-40
105
°C
Storage Temperature
Vin = Zero (no power)
-55
125
°C
Thermal Protection/Shutdown
Measured in center
115
125
130
°C
Electromagnetic Interference
External filter is required
Conducted, EN55022/CISPR22
B
Class
Radiated, EN55022/CISPR22
B
Class
RoHS rating
RoHS-6
FUNCTIONAL SPECIFICATIONS, UWS-3.3/15-Q48 (CONT.)


Similar Part No. - UWS124.5Q48NHL2C

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWS1A101MCL1GS NICHICON-UWS1A101MCL1GS Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A221MCL NICHICON-UWS1A221MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A331MCL NICHICON-UWS1A331MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A471MCL NICHICON-UWS1A471MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A681MCL NICHICON-UWS1A681MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWS124.5Q48NHL2C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
logo
Murata Manufacturing Co...
ULS MURATA-ULS Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
IRS MURATA-PS-IRS Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible
logo
Murata Manufacturing Co...
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com