Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWS124.5Q48PML1C Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # UWS124.5Q48PML1C
Description  Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UWS124.5Q48PML1C Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button UWS124.5Q48PML1C Datasheet HTML 3Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 4Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 5Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 6Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 7Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 8Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 9Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 10Page - Murata Power Solutions Inc. UWS124.5Q48PML1C Datasheet HTML 11Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.murata-ps.com/support
UWS Series
Sixteenth-brick DOSA-Compatible,
Wide Input Isolated DC/DC Converters
MDC_UWS Series.B02 Page 7 of 25
FUNCTIONAL SPECIFICATIONS, UWS-5/10-Q48
ABSOLUTE MAXIMUM RATINGS
Conditions
Minimum
Typical/Nominal
Maximum
Units
Input Voltage, Continuous
Full temperature range
0
80
Vdc
Input Voltage, Transient
Operating or non-operating, tested:
100 mS max. duration
0
100
Vdc
Isolation Voltage
Input to output
2250
Vdc
Input Reverse Polarity
None, install external fuse
None
Vdc
On/Off Remote Control
Power on, referred to -Vin
0
15
Vdc
Output Power
0
50.63
W
Output Current
Current-limited, no damage, short-circuit protected
0
10
A
Storage Temperature Range
Vin = Zero (no power)
-55
125
°C
Absolute maximums are stress ratings. Exposure of devices to greater than any of these conditions may adversely affect long-term reliability. Proper operation under conditions other than those
listed in the Performance/Functional Specifications Table is not implied or recommended.
INPUT
Operating voltage range
18
48
75
Vdc
Recommended External Fuse
Fast blow
5
A
Start-up threshold, turn on
Rising input voltage
16.5
17.5
17.9
Vdc
Undervoltage shutdown, turn off
Falling input voltage
15
16.75
17.5
Vdc
Overvoltage shutdown
NA
Vdc
Reverse Polarity Protection
None, install external fuse
None
Vdc
Internal Filter Type
LC
Input current
Full Load Conditions
Vin = nominal
1.14
1.2
A
Low Line
Vin = minimum
2.44
2.51
A
Inrush Transient
0.4
A2-Sec.
Output in Short Circuit
100
200
mA
No Load Input Current
Iout = minimum, unit=ON
30
60
mA
Shut-Down Mode Input Current
510
mA
Reflected (back) ripple current
No filtering
150
200
mAp-p
Reflected (back) ripple current
Measured at input with specified filter
15
30
mAp-p
Pre-biased startup
External output voltage < Vset
Monotonic
GENERAL and SAFETY
Efficiency
Vin=48V, full load
88
91
%
Vin=24V, full load
89.5
91
%
Isolation
Isolation Voltage, Input to Output
2250
Vdc
Insulation Safety Rating
basic
Isolation Resistance
100
Isolation Capacitance
1000
pF
Safety (meets the following requirements)
UL-60950-1, CSA-C22.2 No.60950-1,
IEC/EN60950-1, 2nd Edition
Yes
Calculated MTBF
Per Telcordia SR332, issue 1, class 3, ground
fixed, Tambient=+25°C
3.0
Hours x 106
DYNAMIC CHARACTERISTICS
Fixed Switching Frequency
225
275
325
KHz
Startup Time
Power On to Vout regulated
30
mS
Startup Time
Remote ON to Vout regulated
30
mS
Dynamic Load Response
50-75-50% load step, settling time to within
±1% of Vout
100
200
μSec
Dynamic Load Peak Deviation
Same as above,
±180
±240
mV
FEATURES and OPTIONS
Remote On/Off Control
"N" suffix
Negative Logic, ON state
ON = Pin grounded or external voltage
-0.1
0.8
V
Negative Logic, OFF state
OFF = Pin open or external voltage
2.5
15
V
Control Current
open collector/drain
1
2
mA
"P" suffix
Positive Logic, ON state
ON = Pin open or external voltage
10
15
V
Positive Logic, OFF state
OFF = Ground pin or external voltage
0
0.7
V
Control Current
open collector/drain
1
2
mA


Similar Part No. - UWS124.5Q48PML1C

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWS1A101MCL1GS NICHICON-UWS1A101MCL1GS Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A221MCL NICHICON-UWS1A221MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A331MCL NICHICON-UWS1A331MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A471MCL NICHICON-UWS1A471MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A681MCL NICHICON-UWS1A681MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWS124.5Q48PML1C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
logo
Murata Manufacturing Co...
ULS MURATA-ULS Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
IRS MURATA-PS-IRS Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible
logo
Murata Manufacturing Co...
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com