Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD5805N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD5805N
Description  Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5805N Datasheet(HTML) 3 Page - ON Semiconductor

  NTD5805N_12 Datasheet HTML 1Page - ON Semiconductor NTD5805N_12 Datasheet HTML 2Page - ON Semiconductor NTD5805N_12 Datasheet HTML 3Page - ON Semiconductor NTD5805N_12 Datasheet HTML 4Page - ON Semiconductor NTD5805N_12 Datasheet HTML 5Page - ON Semiconductor NTD5805N_12 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTD5805N, NVD5805N
http://onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
5.0 V
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
3
2.5
2
1.5
1
0.5
0
0
10
20
30
50
70
80
90
6
5
4
3
2
0
50
75
Figure 3. On−Resistance vs. Drain Current
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
10
8
7
6
5
0.007
0.009
0.011
0.013
0.015
0.017
45
35
30
25
15
10
50
0
0.03
0.04
0.05
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
100
75
50
25
0
−25
−50
0.7
0.8
0.9
1.2
1.3
1.4
1.6
1.8
42
32
22
12
2
10
1000
10,000
40
10 V
4.5 V
VGS = 7 V − 5.5 V
5.2 V
4.0 V
3.5 V
TJ = 25°C
25
100
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
ID = 30 A
TJ = 25°C
0.02
0.01
VGS = 5 V
TJ = 25°C
VGS = 10 V
125
150 175
1.0
1.1
1.5
1.7
VGS = 10 V
ID = 51 A
TJ = 100°C
TJ = 150°C
VGS = 0 V
60
20
40
100
0.019
0.021
49
1.9
100


Similar Part No. - NTD5805N_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5805N ONSEMI-NTD5805N_14 Datasheet
104Kb / 6P
   Power MOSFET
August, 2014 ??Rev. 5
More results

Similar Description - NTD5805N_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5890NL ONSEMI-NVD5890NL Datasheet
100Kb / 4P
   Power MOSFET 40 V, 3.7 m, 123 A, Single N.Channel DPAK
May, 2012 ??Rev. P0
NTD5805N ONSEMI-NTD5805N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 51 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
   Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
NTMFS5834NL ONSEMI-NTMFS5834NL_13 Datasheet
114Kb / 6P
   Power MOSFET 40 V, 75 A, 9.3 m, Single N.Channel
February, 2013 ??Rev. 3
NVMFS5830NL ONSEMI-NVMFS5830NL_13 Datasheet
111Kb / 6P
   Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NVMFS5832NL ONSEMI-NVMFS5832NL_13 Datasheet
113Kb / 6P
   Power MOSFET 40 V, 4.2 m, 120 A, Single N.Channel
March, 2013 ??Rev. 2
NTD4970N-1G ONSEMI-NTD4970N-1G Datasheet
123Kb / 7P
   30 V, 36 A, Single N.Channel, DPAK/IPAK
June, 2011 ??Rev. 0
NTD3813N ONSEMI-NTD3813N Datasheet
100Kb / 8P
   Power MOSFET 16 V, 51 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTDV18N06LT4G ONSEMI-NTDV18N06LT4G Datasheet
169Kb / 8P
   Power MOSFET 18 A, 60 V, Logic Level N.Channel DPAK
August, 2011 ??Rev. 6
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com