Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD5805N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD5805N
Description  Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5805N Datasheet(HTML) 2 Page - ON Semiconductor

  NTD5805N_12 Datasheet HTML 1Page - ON Semiconductor NTD5805N_12 Datasheet HTML 2Page - ON Semiconductor NTD5805N_12 Datasheet HTML 3Page - ON Semiconductor NTD5805N_12 Datasheet HTML 4Page - ON Semiconductor NTD5805N_12 Datasheet HTML 5Page - ON Semiconductor NTD5805N_12 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTD5805N, NVD5805N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
40
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
40.8
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 40 V
TJ = 25°C
1.0
mA
TJ = 150°C
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
3.5
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
7.04
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 15 A
7.6
9.5
mW
VGS = 5.0 V, ID = 10 A
10.9
16
Forward Transconductance
gFS
VDS = 15 V, ID = 15 A
8.54
S
CHARGES, CAPACITANCES AND GATE RESISTANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 25 V
1725
pF
Output Capacitance
Coss
220
Reverse Transfer Capacitance
Crss
160
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 32 V,
ID = 30 A
33
80
nC
Threshold Gate Charge
QG(TH)
2.0
Gate−to−Source Charge
QGS
7.2
Gate−to−Drain Charge
QGD
9.8
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(on)
VGS = 10 V, VDD = 32 V,
ID = 30 A, RG = 2.5 W
10.2
ns
Rise Time
tr
17.9
Turn−Off Delay Time
td(off)
22.9
Fall Time
tf
4.5
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 10 A
TJ = 25°C
0.83
1.2
V
TJ = 150°C
0.65
Reverse Recovery Time
tRR
VGS = 0 V, dIs/dt = 100 A/ms,
IS = 30 A
24.8
ns
Charge Time
ta
14.6
Discharge Time
tb
10.2
Reverse Recovery Charge
QRR
15.5
nC
2. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD5805N_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5805N ONSEMI-NTD5805N_14 Datasheet
104Kb / 6P
   Power MOSFET
August, 2014 ??Rev. 5
More results

Similar Description - NTD5805N_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5890NL ONSEMI-NVD5890NL Datasheet
100Kb / 4P
   Power MOSFET 40 V, 3.7 m, 123 A, Single N.Channel DPAK
May, 2012 ??Rev. P0
NTD5805N ONSEMI-NTD5805N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 51 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
   Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
NTMFS5834NL ONSEMI-NTMFS5834NL_13 Datasheet
114Kb / 6P
   Power MOSFET 40 V, 75 A, 9.3 m, Single N.Channel
February, 2013 ??Rev. 3
NVMFS5830NL ONSEMI-NVMFS5830NL_13 Datasheet
111Kb / 6P
   Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NVMFS5832NL ONSEMI-NVMFS5832NL_13 Datasheet
113Kb / 6P
   Power MOSFET 40 V, 4.2 m, 120 A, Single N.Channel
March, 2013 ??Rev. 2
NTD4970N-1G ONSEMI-NTD4970N-1G Datasheet
123Kb / 7P
   30 V, 36 A, Single N.Channel, DPAK/IPAK
June, 2011 ??Rev. 0
NTD3813N ONSEMI-NTD3813N Datasheet
100Kb / 8P
   Power MOSFET 16 V, 51 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTDV18N06LT4G ONSEMI-NTDV18N06LT4G Datasheet
169Kb / 8P
   Power MOSFET 18 A, 60 V, Logic Level N.Channel DPAK
August, 2011 ??Rev. 6
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com