Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2543R Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA2543R
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2543R Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA2543R Datasheet HTML 2Page - Sony Corporation CXA2543R Datasheet HTML 3Page - Sony Corporation CXA2543R Datasheet HTML 4Page - Sony Corporation CXA2543R Datasheet HTML 5Page - Sony Corporation CXA2543R Datasheet HTML 6Page - Sony Corporation CXA2543R Datasheet HTML 7Page - Sony Corporation CXA2543R Datasheet HTML 8Page - Sony Corporation CXA2543R Datasheet HTML 9Page - Sony Corporation CXA2543R Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
– 6 –
CXA2543R
6
EXT-R
7
EXT-G
8
EXT-B
42
FB B
37
FB PSIG
45
FB G
47
FB GR
41
B OUT
44
G OUT
46
R OUT
External digital signal inputs.
There are two threshold
values: Vth1 (= 1.0V) and
Vth2 (= 2.0V). When one of
the RGB signals exceeds
Vth1, all of the RGB outputs
go to black level; when an
input exceeds Vth2, only the
corresponding output goes to
white level.
6
8
300
VCC1
GND1
30µA
50k 2.7V
7
Smoothing capacitor
connection for the feedback
circuit of R, G, B and PSIG
output DC level control.
Use a low-leakage capacitor
because of high impedance.
1k
VCC1
GND2
42
37
45
47
VCC2
2
RGB signal outputs.
46
VCC2
GND2
40µA
20
20
44
41
2.0V
38
GND3
0V
Analog (12V) GND for the PSIG circuit.
PSIG signal outputs.
VCC3
GND3
10
39
39
PSIG
VCC2
2
40
VCC3
12V
12V power supply for the PSIG
circuit.
43
GND2
0V
Analog (12V) GND.
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description


Similar Part No. - CXA2543R

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540 CREE-CXA2540 Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U20E8 CREE-CXA2540-0000-000N00U20E8 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

Similar Description - CXA2543R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com