Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCE0806S-120-2P-T Datasheet(PDF) 3 Page - TDK Electronics

Part # TCE0806S-120-2P-T
Description  Common Mode Filters For ultra high-speed differential signal line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TCE0806S-120-2P-T Datasheet(HTML) 3 Page - TDK Electronics

  TCE0806S-120-2P-T Datasheet HTML 1Page - TDK Electronics TCE0806S-120-2P-T Datasheet HTML 2Page - TDK Electronics TCE0806S-120-2P-T Datasheet HTML 3Page - TDK Electronics TCE0806S-120-2P-T Datasheet HTML 4Page - TDK Electronics TCE0806S-120-2P-T Datasheet HTML 5Page - TDK Electronics TCE0806S-120-2P-T Datasheet HTML 6Page - TDK Electronics TCE0806S-120-2P-T Datasheet HTML 7Page - TDK Electronics TCE0806S-120-2P-T Datasheet HTML 8Page - TDK Electronics TCE0806S-120-2P-T Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
• All specifications are subject to change without notice.
(2/8)
002-01 / 20120424 / e9712_tce
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Part No.
Common mode
impedance
(
) [100MHz]
DC resistance
(
)max.
[1 line]
Cutoff
frequency
(GHz)typ.
Clamp voltage
(V)max.
Rated current
Idc
(A)max.
Rated voltage
Edc
(V)max.
Insulation
resistance
(M
)min.
TCE0806G-900-2P
90±30
3.5
5.0
100
0.10
10
1
Frequency(MHz)
1
10
100
1000
10000
1
10
100
1000
10000
Differential mode
Common mode


Similar Part No. - TCE0806S-120-2P-T

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TCE TAITRON-TCE Datasheet
310Kb / 4P
   Chip Aluminum Electrolytic Capacitor
logo
MKS Instruments.
TCE-20 MKS-TCE-20 Datasheet
254Kb / 2P
   CALIBRATION, VOLTAGE MONITORING & TROUBLESHOOTING
logo
Exxelia Group
TCE-TCX-TCN-TXR EXXELIA-TCE-TCX-TCN-TXR Datasheet
700Kb / 16P
   Axial Molded Capacitors
revised 11/22
logo
TAITRON Components Inco...
TCE10M35-B-XX-TR30 TAITRON-TCE10M35-B-XX-TR30 Datasheet
310Kb / 4P
   Chip Aluminum Electrolytic Capacitor
logo
Pletronics, Inc.
TCE4024026A PLETRONICS-TCE4024026A Datasheet
97Kb / 6P
   TCVCXO Oscillator
More results

Similar Description - TCE0806S-120-2P-T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012D TDK-ACM2012D_16 Datasheet
142Kb / 7P
   Common Mode Filters For ultra high-speed differential signal line
TCM0403S TDK-TCM0403S Datasheet
173Kb / 4P
   Common mode filters Ultra high-speed differential signal line
TCM0605S TDK-TCM0605S Datasheet
176Kb / 4P
   Common mode filters Ultra high-speed differential signal line
MCZ1210AH TDK-MCZ1210AH Datasheet
89Kb / 5P
   Common Mode Filters For high-speed differential signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
ACM2012 TDK-ACM2012_11 Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM2012E-102-2P-T00 TDK-ACM2012E-102-2P-T00 Datasheet
188Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-800-2P-T001 TDK-ACM3225-800-2P-T001 Datasheet
90Kb / 4P
   Common Mode Filters For high-speed differential signal line/general signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com