Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGSF1P02LT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MGSF1P02LT1
Description  P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGSF1P02LT1 Datasheet(HTML) 3 Page - Motorola, Inc

  MGSF1P02LT1 Datasheet HTML 1Page - Motorola, Inc MGSF1P02LT1 Datasheet HTML 2Page - Motorola, Inc MGSF1P02LT1 Datasheet HTML 3Page - Motorola, Inc MGSF1P02LT1 Datasheet HTML 4Page - Motorola, Inc MGSF1P02LT1 Datasheet HTML 5Page - Motorola, Inc MGSF1P02LT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MGSF1P02LT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 3. On–Resistance versus Drain Current
0
0.2
0.4
0.6
0.8
0.35
0.5
0.55
Figure 4. On–Resistance versus Drain Current
ID, DRAIN CURRENT (AMPS)
Figure 5. On–Resistance Variation with Temperature
0.8
1
0.001
0.1
1
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Gate Charge
VSD, DIODE FORWARD VOLTAGE (VOLTS)
Figure 7. Body Diode Forward Voltage
25
°C
VGS = 4.5 V
VGS = 10 V
ID = 1.5 A
– 55
–5
45
95
145
TJ = 150°C
0.45
0.85
0.9
0.95
0
0.2
0.4
0.6
1.8
0.4
0.01
–55
°C
25
°C
0.8
Figure 8. Capacitance
0
0.4
0.8
1.2
1.6
0.2
0.32
0.36
ID, DRAIN CURRENT (AMPS)
VGS = 10 V
0.28
0.24
0
10
6
2
0
QT, TOTAL GATE CHARGE (pC)
8
4
1000
6000
VDS = 16 V
TJ = 25°C
2000
ID = 1.5 A
3000
VDS, DRAIN–TO–SOURCE VOLTAGE (Volts)
0
4
8
10
2
6
Ciss
Coss
Crss
1000
100
VGS = 0 V
f = 1 MHz
TJ = 25°C
10
0.1
0.3
0.5
0.7
150
°C
–55
°C
0.4
0.3
0.34
0.26
0.22
0.38
0.2
0.6
1
1.4
1.05
1.25
1.1
1.15
1.2
VGS = 4.5 V
ID = .75 A
5000
4000
1
1.2
1.4
1.6
150
°C
25
°C
–55
°C


Similar Part No. - MGSF1P02LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF1P02LT1 ONSEMI-MGSF1P02LT1 Datasheet
82Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
More results

Similar Description - MGSF1P02LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF0202PLT1 MOTOROLA-MMBF0202PLT1 Datasheet
190Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMBF2202PT1 MOTOROLA-MMBF2202PT1 Datasheet
179Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3455VT1 MOTOROLA-MGSF3455VT1 Datasheet
126Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3455XT1 MOTOROLA-MGSF3455XT1 Datasheet
85Kb / 4P
   P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3442VT1 MOTOROLA-MGSF3442VT1 Datasheet
142Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF1N02LT1 MOTOROLA-MGSF1N02LT1 Datasheet
187Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMBF0201N MOTOROLA-MMBF0201N Datasheet
178Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF1N03LT1 MOTOROLA-MGSF1N03LT1 Datasheet
183Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3442XT1 MOTOROLA-MGSF3442XT1 Datasheet
86Kb / 4P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3454VT1 MOTOROLA-MGSF3454VT1 Datasheet
125Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com