Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2525AN Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA2525AN
Description  RF Amplifier for CD Player and CD-ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2525AN Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA2525AN Datasheet HTML 5Page - Sony Corporation CXA2525AN Datasheet HTML 6Page - Sony Corporation CXA2525AN Datasheet HTML 7Page - Sony Corporation CXA2525AN Datasheet HTML 8Page - Sony Corporation CXA2525AN Datasheet HTML 9Page - Sony Corporation CXA2525AN Datasheet HTML 10Page - Sony Corporation CXA2525AN Datasheet HTML 11Page - Sony Corporation CXA2525AN Datasheet HTML 12Page - Sony Corporation CXA2525AN Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
– 11 –
CXA2525AM/AN
Tracking Error Amplifier
Each signal current from the photodiodes E and F is I-V converted and input to Pins 8 and 9. These signals
undergo operational amplification at the tracking error amplifier and tracking drive amplifier, and are output to
Pin 12.
The low frequency component of TE output voltage is as follows:
VTE =
×
× (F – E)
= 11.1
× (F – E)
Center Voltage Generation Circuit
The center voltage of VR = (VCC + GND) is supplied.
The maximum current is approximately ±3mA.
APC Circuit
When the laser diode is driven with constant current, the optical output possesses large negative temperature
characteristics. Therefore, the current must be controlled with the monitor photodiode to ensure the output
remains constant. When APC_ON pin is connected to GND, APC is ON; connected to VCC, it is OFF.
E
F
I-V
44k
320k
5P
TE
73.4k
VC
VC
112k
I-V
44k
112k
8
9
12
11P
112k
44k
320k
73.4k
VR
25
VC
40k
40k
Vc Buffer
Vcc
Vcc
10
PD
10k
55k
56k
10k
22
100
500
100µ
10µH
LD
1k
56k
VCC
10k
1
2
1.25V


Similar Part No. - CXA2525AN

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2520 CREE-CXA2520 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
CXA2520-0000-000N00P20E8 CREE-CXA2520-0000-000N00P20E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
CXA2520-0000-000N00P227F CREE-CXA2520-0000-000N00P227F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
CXA2520-0000-000N00P227F CREE-CXA2520-0000-000N00P227F Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P227H CREE-CXA2520-0000-000N00P227H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
More results

Similar Description - CXA2525AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2521AQ SONY-CXA2521AQ Datasheet
341Kb / 17P
   RF AMPLIFIER FOR CD PLAYER AND CD-ROM
CXA2515AM SONY-CXA2515AM Datasheet
270Kb / 13P
   RF Amplifier for CD Player and CD-ROM
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2557R SONY-CXA2557R Datasheet
543Kb / 35P
   RF Amplifier for CD Player/CD-ROM
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
   RF AMPLIFIER FOR CD PLAYER
logo
STMicroelectronics
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
   DSP/MCU system for CD-DA, CD-CA, CD-ROM player
logo
Rohm
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
   4-channel BTL driver for CD player and CD-ROM drives
logo
Panasonic Semiconductor
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
   2-channel linear driver IC for CD/CD-ROM player
MN662785TBUC PANASONIC-MN662785TBUC Datasheet
1Mb / 89P
   LSI FOR COMPACT DISC/CD ROM PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com