Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSV4T244E Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLSV4T244E
Description  4-Bit Dual-Supply Non-Inverting Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV4T244E Datasheet(HTML) 8 Page - ON Semiconductor

  NLSV4T244E Datasheet HTML 1Page - ON Semiconductor NLSV4T244E Datasheet HTML 2Page - ON Semiconductor NLSV4T244E Datasheet HTML 3Page - ON Semiconductor NLSV4T244E Datasheet HTML 4Page - ON Semiconductor NLSV4T244E Datasheet HTML 5Page - ON Semiconductor NLSV4T244E Datasheet HTML 6Page - ON Semiconductor NLSV4T244E Datasheet HTML 7Page - ON Semiconductor NLSV4T244E Datasheet HTML 8Page - ON Semiconductor NLSV4T244E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NLSV4T244E
http://onsemi.com
8
PACKAGE DIMENSIONS
SOIC−14
D SUFFIX
CASE 751A−03
ISSUE J
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__
7.04
14X
0.58
14X
1.52
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
7X


Similar Part No. - NLSV4T244E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T244 ONSEMI-NLSV4T244 Datasheet
170Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 3
NLSV4T244 ONSEMI-NLSV4T244 Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T244DR2G ONSEMI-NLSV4T244DR2G Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T244DR2G ONSEMI-NLSV4T244DR2G Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T244DTR2G ONSEMI-NLSV4T244DTR2G Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
More results

Similar Description - NLSV4T244E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T244 ONSEMI-NLSV4T244_15 Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV4T244 ONSEMI-NLSV4T244_12 Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T3144 ONSEMI-NLSV4T3144 Datasheet
123Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2013 ??Rev. 0
NLSV4T244 ONSEMI-NLSV4T244 Datasheet
170Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 3
SLSV4T244 ONSEMI-SLSV4T244 Datasheet
81Kb / 8P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2015 ??Rev. 0
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com