Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSV1T34MUTBG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSV1T34MUTBG
Description  1-Bit Dual-Supply Non-Inverting Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV1T34MUTBG Datasheet(HTML) 1 Page - ON Semiconductor

  NLSV1T34MUTBG Datasheet HTML 1Page - ON Semiconductor NLSV1T34MUTBG Datasheet HTML 2Page - ON Semiconductor NLSV1T34MUTBG Datasheet HTML 3Page - ON Semiconductor NLSV1T34MUTBG Datasheet HTML 4Page - ON Semiconductor NLSV1T34MUTBG Datasheet HTML 5Page - ON Semiconductor NLSV1T34MUTBG Datasheet HTML 6Page - ON Semiconductor NLSV1T34MUTBG Datasheet HTML 7Page - ON Semiconductor NLSV1T34MUTBG Datasheet HTML 8Page - ON Semiconductor NLSV1T34MUTBG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 8
1
Publication Order Number:
NLSV1T34/D
NLSV1T34
1-Bit Dual-Supply
Non-Inverting Level
Translator
The NLSV1T34 is a 1−bit configurable dual−supply voltage level
translator. The input An and output Bn ports are designed to track two
different power supply rails, VCCA and VCCB respectively. Both
supply rails are configurable from 0.9 V to 4.5 V allowing universal
low−voltage translation from the input An to the output Bn port.
Features
Wide VCCA and VCCB Operating Range: 0.9 V to 4.5 V
High−Speed w/ Balanced Propagation Delay
Inputs and Outputs have OVT Protection to 4.5 V
Non−preferential VCCA and VCCB Sequencing
Power−Off Protection
Power−Off High Impedance Inputs and Outputs
Ultra−Small Packaging: 1.45 mm x 1.0 mm ULLGA6
2.0 mm x 2.1 mm SC−88A
1.2 mm x 1.0 mm UDFN6
1.45 mm x 1.0 mm UDFN6
These are Pb−Free Devices
Typical Applications
Mobile Phones, PDAs, Other Portable Devices
Important Information
ESD Protection for All Pins:
HBM (Human Body Model) > 3000 V
Figure 1. Logic Diagram
VCCA
VCCB
B
A
ULLGA6
MX1 SUFFIX
CASE 613AF
MARKING
DIAGRAMS
http://onsemi.com
PIN ASSIGNMENT
QM
ULLGA6/UDFN6
(Top View)
VCCB
NC
B
VCCA
A
GND
6
5
4
1
2
3
1
SC−88A
(SOT−353/SC−70)
DF SUFFIX
CASE 419A
1
5
1
5
Q M G
G
Q, A = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
SC−88A
(Top View)
VCCB
B
VCCA
A
GND
5
4
1
2
3
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
UDFN6
MU SUFFIX
CASE 517AA
M
G
1
UDFN6
MU SUFFIX
CASE 517AQ
A M
1


Similar Part No. - NLSV1T34MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV1T34MUTBG ONSEMI-NLSV1T34MUTBG Datasheet
203Kb / 10P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2019 - Rev. 10
More results

Similar Description - NLSV1T34MUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV1T34 ONSEMI-NLSV1T34_V01 Datasheet
203Kb / 10P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2019 - Rev. 10
NLSV1T244 ONSEMI-NLSV1T244_12 Datasheet
119Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV1T34 ONSEMI-NLSV1T34 Datasheet
158Kb / 9P
   1-Bit Dual-Supply Non-Inverting Level Translator
April, 2010 ??Rev. 5
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
NLSV1T240 ONSEMI-NLSV1T240_12 Datasheet
119Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com