Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSV1T240 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLSV1T240
Description  1-Bit Dual-Supply Inverting Level Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV1T240 Datasheet(HTML) 2 Page - ON Semiconductor

  NLSV1T240_12 Datasheet HTML 1Page - ON Semiconductor NLSV1T240_12 Datasheet HTML 2Page - ON Semiconductor NLSV1T240_12 Datasheet HTML 3Page - ON Semiconductor NLSV1T240_12 Datasheet HTML 4Page - ON Semiconductor NLSV1T240_12 Datasheet HTML 5Page - ON Semiconductor NLSV1T240_12 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NLSV1T240
http://onsemi.com
2
PIN ASSIGNMENT
PIN
FUNCTION
VCCA
Input Port DC Power Supply
VCCB
Output Port DC Power Supply
GND
Ground
A
Input Port
B
Output Port
OE
Output Enable
Inputs
Outputs
OE
AB
TRUTH TABLE
LL
H
LH
L
HX
3−State
MAXIMUM RATINGS
Symbol
Rating
Value
Condition
Unit
VCCA, VCCB
DC Supply Voltage
−0.5 to +5.5
V
VI
DC Input Voltage
A
−0.5 to +5.5
V
VC
Control Input
OE
−0.5 to +5.5
V
VO
DC Output Voltage
(Power Down)
B
−0.5 to +5.5
VCCA = VCCB = 0
V
(Active Mode)
B
−0.5 to +5.5
V
(Tri−State Mode)
B
−0.5 to +5.5
V
IIK
DC Input Diode Current
−20
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
IO
DC Output Source/Sink Current
±50
mA
ICCA, ICCB
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCCA, VCCB
Positive DC Supply Voltage
0.9
4.5
V
VI
Bus Input Voltage
GND
4.5
V
VC
Control Input
OE
GND
4.5
V
VIO
Bus Output Voltage
(Power Down Mode)
B
GND
4.5
V
(Active Mode)
B
GND
VCCB
V
(Tri−State Mode)
B
GND
4.5
V
TA
Operating Temperature Range
−40
+85
°C
Dt / DV
Input Transition Rise or Rate
VI, from 30% to 70% of VCC; VCC = 3.3 V ±0.3 V
0
10
nS


Similar Part No. - NLSV1T240_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV1T240MUTBG ONSEMI-NLSV1T240MUTBG Datasheet
90Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
More results

Similar Description - NLSV1T240_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV1T34 ONSEMI-NLSV1T34_V01 Datasheet
203Kb / 10P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2019 - Rev. 10
NLSV1T34 ONSEMI-NLSV1T34_12 Datasheet
133Kb / 9P
   1-Bit Dual-Supply Non-Inverting Level Translator
January, 2012 ??Rev. 8
NLSV1T244 ONSEMI-NLSV1T244_12 Datasheet
119Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV1T34 ONSEMI-NLSV1T34 Datasheet
158Kb / 9P
   1-Bit Dual-Supply Non-Inverting Level Translator
April, 2010 ??Rev. 5
NLSV8T240 ONSEMI-NLSV8T240_12 Datasheet
120Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV2T240 ONSEMI-NLSV2T240 Datasheet
98Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
July, 2007 - Rev. 0
NLSV8T240 ONSEMI-NLSV8T240 Datasheet
118Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
July, 2008 ??Rev. 0
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com