Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3150E Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL3150E
Description  Intersil?셲 Solutions for Industrial Process Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3150E Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL3150E Datasheet HTML 6Page - Intersil Corporation ISL3150E Datasheet HTML 7Page - Intersil Corporation ISL3150E Datasheet HTML 8Page - Intersil Corporation ISL3150E Datasheet HTML 9Page - Intersil Corporation ISL3150E Datasheet HTML 10Page - Intersil Corporation ISL3150E Datasheet HTML 11Page - Intersil Corporation ISL3150E Datasheet HTML 12Page - Intersil Corporation ISL3150E Datasheet HTML 13Page - Intersil Corporation ISL3150E Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
INTERSIL SELECTION GUIDE | INDUSTRIAL PROCESS CONTROL SOLUTIONS
10 | www.intersil.com/industrial_process_control
PLC
Bridge
Frontends
VREF
• High Accuracy
0.02% Initial Accuracy
3ppm, 7ppm Temp Co
20ppm Long Term Drift
• Low Noise,
1.9µV peak-peak (0.1H to 10Hz)
Low Noise Voltage References
Voltage Output: 5V, 7V, 10V
• Digital Interface for Calibration I2C and SPI
Industry Leader in Digital Potentiometers
• Volatile and Non-volatile Wiper Position
• Precision Low Noise: +22-bit ENOB
Low Noise Data Converters 24-bit Delta Sigma
• Sample Rate: 2.5 to 4000 sps
• Multi-channel Inputs + PGA
ADC
IN
OUT
EN
ISL78307
ADJ
GND
CIN
0.1µF
COUT
10µF
R1
R2
VIN
V
V
4
1
=
OUT = 12V
• Low Noise (200nVpp) and Low Power
(17µA) Options
Zero Drift, Chopper-Stabilized Precision Op Amps
• Rail-Rail Inputs/Outputs
• High CMRR (135dB) Perfect for Bridge
Excitation Signals
+
+
-
-
Power Supply Solution
High Voltage Low Iq LDO
ISL21090
ISL21009
ISL28134
ISL28133
ISL28134
ISL28133
ISL26132
ISL26102
ISL2632x
ISL233x5
ISL233x8
Low Noise Precision Sensor Chipset Solutions
High Voltage Bridge Sensor Signal Conditioning
Analog Input
Analog Output
Control
Sensors
Power
ISL21090
ISL21009
ADC
ISL26132/134
ISL26102/104
24-bit
Low Noise
Low Noise VREF
Pressure
Strain
Flow Sensors
2.5V
Vocm
2.5V
Gain/Attenuation
Select
1 to N Inputs
to Multi-channel
Instrumentation Amp
+28V
Analog
Control
Feedback
ISL28006
Multi-channel
ADC Inputs
+15V
- 15V
HI-509
N-ch
Mux
FB+
FB- Rfb
Rin
Out+
Out-
IN+
IN-
DCP
ISL21090
ISL21009 VREF
DC Adjust
ISL22426
R1
R2
R3
R4
General
Purpose
Mixed signal
Inputs
Current Shunt Sense
DAQ Inputs
+/-5V
+/-10V
0V to 30V
mΩ
∆V = 100mV
∆V = 1V
Bridge
Sensor In
Transducer In
ISL28516
ISL28617
High Voltage Instrumentation Amp
with Integrated Differential ADC Driver
N-ch
Mux
High Voltage Current Sense Amp
Integrated Gain Options
• Voltage Output
From Motor
Control Block
Microcontroller
Host Controller
VREF ISL21090
ISL21009
Low Noise VREF
5V, 7V, 10V
Active Source
to Bridge Sensor
Sensor
Calibration
DCP
ISL54702
ISL97701
ISL233X5
Non-Isolated
HV Dual Supply
ISL98012
Wide VIN
Boost Regulator
ICL7660S
Super Voltage
Converter
Power Supply Solutions
-5V
+12V
-20V
+20V
VREF
Precision Sensor & Data Acquisition 24-Bit Low Noise, Analog Inputs To Digital Output


Similar Part No. - ISL3150E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3150E INTERSIL-ISL3150E Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3150E INTERSIL-ISL3150E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3150E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Panasonic Semiconductor
BR2032-F2N PANASONIC-BR2032-F2N Datasheet
104Kb / 4P
   INDUSTRIAL SOLUTIONS
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
   Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Vicor Corporation
V24C12H100B VICOR-V24C12H100B Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V24C28T100BG VICOR-V24C28T100BG Datasheet
840Kb / 14P
   Industrial and process control, distributed power, medical, ATE, communications,
V28C5T50BL VICOR-V28C5T50BL Datasheet
769Kb / 11P
   Industrial and process control, distributed power, medical, ATE, communications,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com