Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGB15N41CLT4G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NGB15N41CLT4G
Description  Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGB15N41CLT4G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NGB15N41CLT4G Datasheet HTML 3Page - ON Semiconductor NGB15N41CLT4G Datasheet HTML 4Page - ON Semiconductor NGB15N41CLT4G Datasheet HTML 5Page - ON Semiconductor NGB15N41CLT4G Datasheet HTML 6Page - ON Semiconductor NGB15N41CLT4G Datasheet HTML 7Page - ON Semiconductor NGB15N41CLT4G Datasheet HTML 8Page - ON Semiconductor NGB15N41CLT4G Datasheet HTML 9Page - ON Semiconductor NGB15N41CLT4G Datasheet HTML 10Page - ON Semiconductor NGB15N41CLT4G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NGD15N41CL, NGD15N41ACL, NGB15N41CL, NGB15N41ACL, NGP15N41CL,
NGP15N41ACL
http://onsemi.com
8
ORDERING INFORMATION
Device
Package Type
Shipping
NGD15N41CLT4G
DPAK
(Pb−Free)
2500/Tape & Reel
NGD15N41ACLT4G
NGB15N41CLT4G
D2PAK
(Pb−Free)
800/Tape & Reel
NGB15N41ACLT4G
NGP15N41CLG
TO−220
(Pb−Free)
50 Units/Rail
NGP15N41ACLG
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
MARKING DIAGRAMS
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Device
NGP
15N41CLG
AYWW
1
Gate
3
Emitter
4
Collector
NGB
15N41CLG
AYWW
1
Gate
3
Emitter
4
Collector
2
Collector
2
Collector
TO−220AB
CASE 221A
STYLE 9
D2PAK
CASE 418B
STYLE 4
DPAK
CASE 369C
STYLE 7
1
Gate
4
Collector
2
Collector
3
Emitter
YWW
GD
15N41G


Similar Part No. - NGB15N41CLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB15N41CLT4G ONSEMI-NGB15N41CLT4G Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
More results

Similar Description - NGB15N41CLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL_05 Datasheet
91Kb / 10P
   Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
December, 2005 ??Rev. 8
NGB8206N ONSEMI-NGB8206N_11 Datasheet
130Kb / 8P
   Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9
NGD18N40CLB ONSEMI-NGD18N40CLB_12 Datasheet
128Kb / 8P
   Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
NGB8202N ONSEMI-NGB8202N_11 Datasheet
124Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGB8245N ONSEMI-NGB8245N Datasheet
122Kb / 7P
   Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2
NGB8207AN ONSEMI-NGB8207AN_11 Datasheet
125Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8207N ONSEMI-NGB8207N_11 Datasheet
132Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
MGP15N35CL ONSEMI-MGP15N35CL_06 Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com