Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGD8201ANT4G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NGD8201ANT4G
Description  Ignition IGBT 20 A, 400 V, N.Channel DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGD8201ANT4G Datasheet(HTML) 8 Page - ON Semiconductor

  NGD8201ANT4G Datasheet HTML 1Page - ON Semiconductor NGD8201ANT4G Datasheet HTML 2Page - ON Semiconductor NGD8201ANT4G Datasheet HTML 3Page - ON Semiconductor NGD8201ANT4G Datasheet HTML 4Page - ON Semiconductor NGD8201ANT4G Datasheet HTML 5Page - ON Semiconductor NGD8201ANT4G Datasheet HTML 6Page - ON Semiconductor NGD8201ANT4G Datasheet HTML 7Page - ON Semiconductor NGD8201ANT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NGD8201N, NGD8201AN
http://onsemi.com
8
PACKAGE DIMENSIONS
DPAK
CASE 369C
ISSUE D
STYLE 7:
PIN 1. GATE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
b
D
E
b3
L3
L4
b2
e
M
0.005 (0.13)
C
c2
A
c
C
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
D
0.235
0.245
5.97
6.22
E
0.250
0.265
6.35
6.73
A
0.086
0.094
2.18
2.38
b
0.025
0.035
0.63
0.89
c2
0.018
0.024
0.46
0.61
b2
0.030
0.045
0.76
1.14
c
0.018
0.024
0.46
0.61
e
0.090 BSC
2.29 BSC
b3
0.180
0.215
4.57
5.46
L4
−−−
0.040
−−−
1.01
L
0.055
0.070
1.40
1.78
L3
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. THERMAL PAD CONTOUR OPTIONAL WITHIN DI-
MENSIONS b3, L3 and Z.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS, OR BURRS. MOLD
FLASH, PROTRUSIONS, OR GATE BURRS SHALL
NOT EXCEED 0.006 INCHES PER SIDE.
5. DIMENSIONS D AND E ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY.
6. DATUMS A AND B ARE DETERMINED AT DATUM
PLANE H.
12
3
4
5.80
0.228
2.58
0.102
1.60
0.063
6.20
0.244
3.00
0.118
6.17
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
H
0.370
0.410
9.40
10.41
A1 0.000
0.005
0.00
0.13
L1
0.108 REF
2.74 REF
L2
0.020 BSC
0.51 BSC
A1
H
DETAIL A
SEATING
PLANE
A
B
C
L1
L
H
L2
GAUGE
PLANE
DETAIL A
ROTATED 90 CW
5
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
NGD8201N/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NGD8201ANT4G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NGD8201AN LITTELFUSE-NGD8201AN Datasheet
270Kb / 8P
   Gate?묮mitter ESD Protection
More results

Similar Description - NGD8201ANT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD18N40CLB ONSEMI-NGD18N40CLB_12 Datasheet
128Kb / 8P
   Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8
NGB8202N ONSEMI-NGB8202N_11 Datasheet
124Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGD8205N ONSEMI-NGD8205N_12 Datasheet
117Kb / 7P
   Ignition IGBT 20 Amp, 350 Volt, N.Channel DPAK
January, 2012 ??Rev. 9
NGB8206N ONSEMI-NGB8206N_11 Datasheet
130Kb / 8P
   Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9
NGB8245N ONSEMI-NGB8245N Datasheet
122Kb / 7P
   Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2
NGB8207AN ONSEMI-NGB8207AN_11 Datasheet
125Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8207N ONSEMI-NGB8207N_11 Datasheet
132Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NGP8203N ONSEMI-NGP8203N Datasheet
144Kb / 7P
   Ignition IGBT 20 A, 400 V, N?묬hannel TO??20
August, 2006 ??Rev. 1
logo
Littelfuse
LGB8204ATH LITTELFUSE-LGB8204ATH Datasheet
472Kb / 10P
   400 V, 18 A N-Channel Ignition IGBT
3/16/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com