Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGB15N41CL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NGB15N41CL
Description  Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGB15N41CL Datasheet(HTML) 4 Page - ON Semiconductor

  NGB15N41CL Datasheet HTML 1Page - ON Semiconductor NGB15N41CL Datasheet HTML 2Page - ON Semiconductor NGB15N41CL Datasheet HTML 3Page - ON Semiconductor NGB15N41CL Datasheet HTML 4Page - ON Semiconductor NGB15N41CL Datasheet HTML 5Page - ON Semiconductor NGB15N41CL Datasheet HTML 6Page - ON Semiconductor NGB15N41CL Datasheet HTML 7Page - ON Semiconductor NGB15N41CL Datasheet HTML 8Page - ON Semiconductor NGB15N41CL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NGD15N41CL, NGD15N41ACL, NGB15N41CL, NGB15N41ACL, NGP15N41CL,
NGP15N41ACL
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS (unless otherwise noted)
GATE TO EMITTER VOLTAGE (VOLTS)
0
40
6
10
4
2
0
60
20
30
50
8
13
5
7
0
40
6
10
4
2
0
VCE, COLLECTOR TO EMITTER VOLTAGE (VOLTS)
Figure 1. Output Characteristics
Figure 2. Output Characteristics
0
25
20
15
10
2
1.5
1
5
30
0
0.5
2.5
3
3.5
Figure 3. Output Characteristics
VGE, GATE TO EMITTER VOLTAGE (VOLTS)
Figure 4. Transfer Characteristics
Figure 5. Collector−to−Emitter Saturation
Voltage versus Junction Temperature
Figure 6. Collector−to−Emitter Voltage versus
Gate−to−Emitter Voltage
60
VGE = 10 V
VCE, COLLECTOR TO EMITTER VOLTAGE (VOLTS)
20
30
50
8
13
5
7
5 V
TJ = 25°C
TJ = −40°C
VGE = 10 V
5 V
4.5 V
4 V
3.5 V
3 V
2.5 V
TJ = 150°C
4
4.5
5
4.5 V
4 V
3.5 V
3 V
2.5 V
0
40
6
10
4
2
0
60
20
30
50
8
13
5
7
VCE, COLLECTOR TO EMITTER VOLTAGE (VOLTS)
TJ = 150°C
VGE = 10 V
5 V
4.5 V
4 V
3.5 V
3 V
2.5 V
2.5
TJ, JUNCTION TEMPERATURE (°C)
−50
50
75
25
0
100
−25
125
1.0
3.0
0.5
2.0
0.0
3.5
4.0
1.5
150
VGE = 5 V
IC = 25 A
IC = 20 A
IC = 15 A
IC = 10 A
IC = 5 A
2.5
36
7
58
49
1
0.5
2
0
3
1.5
10
IC = 15 A
IC = 10 A
IC = 5 A
VCE = 10 V
TJ = 25°C
TJ = −40°C
TJ = 25°C


Similar Part No. - NGB15N41CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB15N41CLT4 ONSEMI-NGB15N41CLT4 Datasheet
94Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
March, 2004 ??Rev. 5
NGB15N41CLT4 ONSEMI-NGB15N41CLT4 Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
NGB15N41CLT4G ONSEMI-NGB15N41CLT4G Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
More results

Similar Description - NGB15N41CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL_05 Datasheet
91Kb / 10P
   Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
December, 2005 ??Rev. 8
NGB8206N ONSEMI-NGB8206N_11 Datasheet
130Kb / 8P
   Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9
NGD18N40CLB ONSEMI-NGD18N40CLB_12 Datasheet
128Kb / 8P
   Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
NGB8202N ONSEMI-NGB8202N_11 Datasheet
124Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGB8245N ONSEMI-NGB8245N Datasheet
122Kb / 7P
   Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2
NGB8207AN ONSEMI-NGB8207AN_11 Datasheet
125Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8207N ONSEMI-NGB8207N_11 Datasheet
132Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
MGP15N35CL ONSEMI-MGP15N35CL_06 Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com